Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10SX1190DTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10SX1190DTR2G
Description  Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1190DTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  MC10SX1190DTR2G Datasheet HTML 1Page - ON Semiconductor MC10SX1190DTR2G Datasheet HTML 2Page - ON Semiconductor MC10SX1190DTR2G Datasheet HTML 3Page - ON Semiconductor MC10SX1190DTR2G Datasheet HTML 4Page - ON Semiconductor MC10SX1190DTR2G Datasheet HTML 5Page - ON Semiconductor MC10SX1190DTR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MC10SX1190
http://onsemi.com
5
ZO
Rpd
VEE
SX1190
QT
Rt = ZO
Typical value for Rpd is 160 W to 260 W, depending on the application. The minimum value of Rpd should not be less than 50 W.
Figure 3. SX1190 Termination Configuration
ZO
Rt
QT
Rpd
VEE
ZO
Rpd
VEE
QR
ZO
Rt
QR
Rpd
VEE
ZO
Rt
VTT1
SX1190
QT
Rt = ZO/2
ZO
QT
Rt
VTT1
ZO
Rt
VTT2
QR
ZO
QR
Rt
VTT2
VTT1 = VCC − 3 V
VTT2 = VCC − 2 V
ORDERING INFORMATION
Device
Package
Shipping
MC10SX1190DT
TSSOP−20*
75 Units / Rail
MC10SX1190DTG
TSSOP−20*
75 Units / Rail
MC10SX1190DTR2
TSSOP−20*
2500 / Tape & Reel
MC10SX1190DTR2G
TSSOP−20*
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - MC10SX1190DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1190DT ONSEMI-MC10SX1190DT Datasheet
105Kb / 8P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
December, 1999 ??Rev. 1
More results

Similar Description - MC10SX1190DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1189 ONSEMI-MC10SX1189_16 Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
79Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
1996 REV 1
MC10SX1190 ONSEMI-MC10SX1190 Datasheet
105Kb / 8P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
December, 1999 ??Rev. 1
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com