Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT02DTR2 Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74ACT02DTR2
Description  Quad 2?묲nput NOR Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT02DTR2 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74ACT02DTR2 Datasheet HTML 2Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 3Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 4Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 5Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 6Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 7Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 8Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 9Page - ON Semiconductor MC74ACT02DTR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC74AC02, MC74ACT02
http://onsemi.com
8
SOIC−14
CASE 751A−03
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.127
(0.005) TOTAL IN EXCESS OF THE D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
−A−
−B−
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
−T−
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__
7.04
14X
0.58
14X
1.52
1.27
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
7X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC74ACT02DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT02DTR2G ONSEMI-MC74ACT02DTR2G Datasheet
88Kb / 8P
   Quad 2-Input NOR Gate
January, 2015 ??Rev. 8
More results

Similar Description - MC74ACT02DTR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC10H102 ONSEMI-MC10H102_06 Datasheet
150Kb / 6P
   Quad 2?묲nput NOR Gate
February, 2006 ??Rev. 7
NLSF302 ONSEMI-NLSF302_06 Datasheet
68Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC10H100 ONSEMI-MC10H100_06 Datasheet
144Kb / 5P
   Quad 2?묲nput NOR Gate With Strobe
February, 2006 ??Rev. 7
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL27WZ02 ONSEMI-NL27WZ02_06 Datasheet
63Kb / 5P
   Dual 2?묲nput NOR Gate
May, 2006 ??Rev. 8
logo
NTE Electronics
NTE7402 NTE-NTE7402 Datasheet
69Kb / 3P
   Integrated Circuit TTL ??Quad 2?묲nput Positive NOR Gate
logo
ON Semiconductor
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com