Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT08DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74ACT08DG
Description  Quad 2?묲nput AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT08DG Datasheet(HTML) 2 Page - ON Semiconductor

  MC74ACT08DG Datasheet HTML 1Page - ON Semiconductor MC74ACT08DG Datasheet HTML 2Page - ON Semiconductor MC74ACT08DG Datasheet HTML 3Page - ON Semiconductor MC74ACT08DG Datasheet HTML 4Page - ON Semiconductor MC74ACT08DG Datasheet HTML 5Page - ON Semiconductor MC74ACT08DG Datasheet HTML 6Page - ON Semiconductor MC74ACT08DG Datasheet HTML 7Page - ON Semiconductor MC74ACT08DG Datasheet HTML 8Page - ON Semiconductor MC74ACT08DG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC74AC08, MC74ACT08
http://onsemi.com
2
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
′AC
2.0
5.0
6.0
V
′ACT
4.5
5.0
5.5
Vin, Vout
DC Input Voltage, Output Voltage (Ref. to GND)
0
VCC
V
tr, tf
Input Rise and Fall Time (Note 1)
′AC Devices except Schmitt Inputs
VCC @ 3.0 V
150
ns/V
VCC @ 4.5 V
40
VCC @ 5.5 V
25
tr, tf
Input Rise and Fall Time (Note 2)
′ACT Devices except Schmitt Inputs
VCC @ 4.5 V
10
ns/V
VCC @ 5.5 V
8.0
TJ
Junction Temperature (PDIP)
140
°C
TA
Operating Ambient Temperature Range
−40
25
85
°C
IOH
Output Current − High
−24
mA
IOL
Output Current − Low
24
mA
1. Vin from 30% to 70% VCC; see individual Data Sheets for devices that differ from the typical input rise and fall times.
2. Vin from 0.8 V to 2.0 V; see individual Data Sheets for devices that differ from the typical input rise and fall times.
DC CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
74AC
74AC
Unit
TA = +25°C
TA =
−40°C to
+85°C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
VOUT = 0.1 V
or VCC − 0.1 V
3.0
4.5
5.5
1.5
2.25
2.75
2.1
3.15
3.85
2.1
3.15
3.85
V
VIL
Maximum Low Level
Input Voltage
VOUT = 0.1 V
or VCC − 0.1 V
3.0
4.5
5.5
1.5
2.25
2.75
0.9
1.35
1.65
0.9
1.35
1.65
V
VOH
Minimum High Level
Output Voltage
IOUT = −50 mA
3.0
4.5
5.5
2.99
4.49
5.49
2.9
4.4
5.4
2.9
4.4
5.4
V
VIN = VIL or VIH (Note 3)
−12 mA
IOH
−24 mA
−24 mA
3.0
4.5
5.5
2.56
3.86
4.86
2.46
3.76
4.76
V
VOL
Maximum Low Level
Output Voltage
VIN = VIL or VIH(Note 3)
12 mA
IOL
24 mA
24 mA
3.0
4.5
5.5
0.36
0.36
0.36
0.44
0.44
0.44
V
IIN
Maximum Input
Leakage Current
VI = VCC, GND
5.5
±0.1
±1.0
mA
IOLD
Minimum Dynamic (Note 4)
Output Current
VOLD = 1.65 V Max
5.5
75
mA
IOHD
VOHD = 3.85 V Min
5.5
−75
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
4.0
40
mA
NOTE: IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
3. All outputs loaded; thresholds on input associated with output under test.
4. Maximum test duration 2.0 ms, one output loaded at a time.


Similar Part No. - MC74ACT08DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT08DG ONSEMI-MC74ACT08DG Datasheet
87Kb / 8P
   Quad 2-Input AND Gate
January, 2015 ??Rev. 10
More results

Similar Description - MC74ACT08DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
   Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com