Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT08DTR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74ACT08DTR2G
Description  Quad 2?묲nput AND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT08DTR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74ACT08DTR2G Datasheet HTML 1Page - ON Semiconductor MC74ACT08DTR2G Datasheet HTML 2Page - ON Semiconductor MC74ACT08DTR2G Datasheet HTML 3Page - ON Semiconductor MC74ACT08DTR2G Datasheet HTML 4Page - ON Semiconductor MC74ACT08DTR2G Datasheet HTML 5Page - ON Semiconductor MC74ACT08DTR2G Datasheet HTML 6Page - ON Semiconductor MC74ACT08DTR2G Datasheet HTML 7Page - ON Semiconductor MC74ACT08DTR2G Datasheet HTML 8Page - ON Semiconductor MC74ACT08DTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74AC08, MC74ACT08
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC (V)
(Note 8)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.0
9.0
1.0
10.0
ns
3−5
tPHL
Propagation Delay
5.0
1.0
9.0
1.0
10.0
ns
3−5
8. Voltage Range 5.0 V is 5.0 V ±0.5 V.
CAPACITANCE
Symbol
Parameter
Test Conditions
Value
Typ
Unit
CIN
Input Capacitance
VCC = 5.0 V
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0 V
20
pF


Similar Part No. - MC74ACT08DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT08DTR2G ONSEMI-MC74ACT08DTR2G Datasheet
105Kb / 8P
   QUAD 2-INPUT AND GATE
June, 2004 ??Rev. 6
MC74ACT08DTR2G ONSEMI-MC74ACT08DTR2G Datasheet
87Kb / 8P
   Quad 2-Input AND Gate
January, 2015 ??Rev. 10
More results

Similar Description - MC74ACT08DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
MC74VHC08 ONSEMI-MC74VHC08 Datasheet
92Kb / 6P
   Quad 2?묲nput AND Gate
November, 2005 ??Rev. 6
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
MC74VHC02 ONSEMI-MC74VHC02 Datasheet
82Kb / 5P
   Quad 2?묲nput NOR Gate
November, 2005 ??Rev. 4
NLSF302MN ONSEMI-NLSF302MN Datasheet
64Kb / 4P
   Quad 2?묲nput NOR Gate
May, 2006 ??Rev. 4
MC74VHCT02A ONSEMI-MC74VHCT02A_06 Datasheet
156Kb / 8P
   Quad 2?묲nput NOR Gate
March, 2006 ??Rev. 4
MC74VHC00 ONSEMI-MC74VHC00 Datasheet
92Kb / 6P
   Quad 2?묲nput NAND Gate
January, 2006 ??Rev. 5
MC74AC00 ONSEMI-MC74AC00 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC02 ONSEMI-MC74AC02 Datasheet
141Kb / 10P
   Quad 2?묲nput NOR Gate
October, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com