Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA13LT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBTA13LT1
Description  Darlington Amplifier Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBTA13LT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBTA13LT1_06 Datasheet HTML 1Page - ON Semiconductor MMBTA13LT1_06 Datasheet HTML 2Page - ON Semiconductor MMBTA13LT1_06 Datasheet HTML 3Page - ON Semiconductor MMBTA13LT1_06 Datasheet HTML 4Page - ON Semiconductor MMBTA13LT1_06 Datasheet HTML 5Page - ON Semiconductor MMBTA13LT1_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBTA13LT1, MMBTA14LT1
http://onsemi.com
3
NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
Figure 2. Noise Voltage
f, FREQUENCY (Hz)
50
100
200
500
20
Figure 3. Noise Current
f, FREQUENCY (Hz)
Figure 4. Total Wideband Noise Voltage
RS, SOURCE RESISTANCE (kW)
Figure 5. Wideband Noise Figure
RS, SOURCE RESISTANCE (kW)
5.0
50
70
100
200
30
10
20
1.0
10
10
20
50 100 200
500 1k 2k
5k 10k 20k
50k 100k
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
BANDWIDTH = 1.0 Hz
RS ≈ 0
IC = 1.0 mA
100 mA
10 mA
BANDWIDTH = 1.0 Hz
IC = 1.0 mA
100 mA
10 mA
2.0
5.0
10
20
50
100
200
500
1000
BANDWIDTH = 10 Hz TO 15.7 kHz
IC = 10 mA
100 mA
1.0 mA
8.0
10
12
14
6.0
0
4.0
1.0
2.0
5.0
10
20
50
100
200
500
1000
2.0
BANDWIDTH = 10 Hz TO 15.7 kHz
10 mA
100 mA
IC = 1.0 mA
10 20
50 100 200
500 1k 2k
5k 10k 20k
50k 100k


Similar Part No. - MMBTA13LT1_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTA13LT1G ONSEMI-MMBTA13LT1G Datasheet
189Kb / 6P
   Darlington Amplifier Transistors
August, 2009 ??Rev. 3
MMBTA13LT1G ONSEMI-MMBTA13LT1G Datasheet
194Kb / 6P
   Darlington Amplifier Transistors
October, 2016 ??Rev. 6
MMBTA13LT1G ONSEMI-MMBTA13LT1G_09 Datasheet
189Kb / 6P
   Darlington Amplifier Transistors
August, 2009 ??Rev. 3
MMBTA13LT1 ONSEMI-MMBTA13LT1_16 Datasheet
194Kb / 6P
   Darlington Amplifier Transistors
October, 2016 ??Rev. 6
More results

Similar Description - MMBTA13LT1_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBTA13LT1 MOTOROLA-MMBTA13LT1 Datasheet
235Kb / 8P
   Darlington Amplifier Transistors
logo
Leshan Radio Company
LMBTA13LT1 LRC-LMBTA13LT1 Datasheet
220Kb / 6P
   Darlington Amplifier Transistors
logo
WILLAS ELECTRONIC CORP
MMBTA1XLT1 WILLAS-MMBTA1XLT1 Datasheet
446Kb / 6P
   Darlington Amplifier Transistors
logo
ON Semiconductor
MMBTA13LT1 ONSEMI-MMBTA13LT1_16 Datasheet
194Kb / 6P
   Darlington Amplifier Transistors
October, 2016 ??Rev. 6
MMBTA13LT1G ONSEMI-MMBTA13LT1G_09 Datasheet
189Kb / 6P
   Darlington Amplifier Transistors
August, 2009 ??Rev. 3
logo
Leshan Radio Company
LMBTA13LT1G LRC-LMBTA13LT1G_15 Datasheet
330Kb / 6P
   Darlington Amplifier Transistors
LMBTA14LT1G LRC-LMBTA14LT1G_15 Datasheet
338Kb / 6P
   Darlington Amplifier Transistors
logo
Weitron Technology
MMBT6427 WEITRON-MMBT6427 Datasheet
271Kb / 5P
   NPN Transistors Darlington Amplifier
MMBTA13 WEITRON-MMBTA13 Datasheet
208Kb / 5P
   NPN Transistors Darlington Amplifier
logo
AiT Semiconductor Inc.
MMBTA13L AITSEMI-MMBTA13L Datasheet
771Kb / 8P
   GENERAL PURPOSE TRANSISTORS DARLINGTON AMPLIFIER TRANSISTORS
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com