Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT244ADTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74HCT244ADTR2G
Description  Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver with LSTTL?묬ompatible Inputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT244ADTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC74HCT244ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 7Page - ON Semiconductor MC74HCT244ADTR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 11
1
Publication Order Number:
MC74HCT244A/D
MC74HCT244A
Octal 3−State Noninverting
Buffer/Line Driver/
Line Receiver with
LSTTL−Compatible Inputs
High−Performance Silicon−Gate CMOS
The MC74HCT244A is identical in pinout to the LS244. This
device may be used as a level converter for interfacing TTL or NMOS
outputs to High−Speed CMOS inputs. The HCT244A is an octal
noninverting buffer line driver line receiver designed to be used with
3−state memory address drivers, clock drivers, and other bus−oriented
systems. The device has non−inverted outputs and two active−low
output enables.
The HCT244A is the non−inverting version of the HCT240. See
also HCT241.
Features
Output Drive Capability: 15 LSTTL Loads
TTL NMOS−Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1 mA
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 112 FETs or 28 Equivalent Gates
Pb−Free Packages are Available
Figure 1. Logic Diagram
DATA INPUTS
A1
A2
A3
A4
B1
B2
B3
B4 17
15
13
11
8
6
4
218
16
14
12
9
7
5
3 YB4
YB3
YB2
YB1
YA4
YA3
YA2
YA1
NONINVERTING
OUTPUTS
PIN 20 = VCC
PIN 10 = GND
OUTPUT
ENABLES
ENABLE A
ENABLE B
1
19
PIN ASSIGNMENT
A3
A2
YB4
A1
ENABLE A
GND
YB1
A4
YB2
YB3
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
YA2
B4
YA1
ENABLE B
VCC
B1
YA4
B2
YA3
B3
http://onsemi.com
SOIC−20W
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
SOEIAJ−20
M SUFFIX
CASE 967
1
1
1
PDIP−20
N SUFFIX
CASE 738
1
See detailed ordering, shipping, and marking information in
the package dimensions section on page 5 of this data sheet.
ORDERING AND MARKING INFORMATION
FUNCTION TABLE
Inputs
Outputs
Enable A,
Enable B
A, B
YA, YB
LLL
LH
H
HX
Z
Z = high impedance, X = don’t care


Similar Part No. - MC74HCT244ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT244ADTR2G ONSEMI-MC74HCT244ADTR2G Datasheet
151Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT244ADTR2G ONSEMI-MC74HCT244ADTR2G Datasheet
118Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
More results

Similar Description - MC74HCT244ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT541A ONSEMI-MC74HCT541A_06 Datasheet
108Kb / 8P
   Octal 3?뭆tate Non?묲nverting Buffer/Line Driver/ Line Receiver With LSTTL?묬ompatible Inputs
June, 2006 ??Rev. 5
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
logo
Motorola, Inc
MC54HCT244A MOTOROLA-MC54HCT244A Datasheet
115Kb / 7P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT244A ONSEMI-MC74HCT244A Datasheet
175Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2000 ??Rev. 9
MC74HCT244A ONSEMI-MC74HCT244A_11 Datasheet
151Kb / 8P
   Octal 3-State Noninverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
May, 2011 ??Rev. 12
MC74HCT241A ONSEMI-MC74HCT241A Datasheet
169Kb / 9P
   Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver with LSTTL-Compatible Inputs
December, 2009 ??Rev. 8
MC74HCT373A ONSEMI-MC74HCT373A_06 Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
MC74HCT574A ONSEMI-MC74HCT574A_05 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT374A ONSEMI-MC74HCT374A_05 Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
logo
Motorola, Inc
MC74HCT240A MOTOROLA-MC74HCT240A Datasheet
171Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver with LSTTL-Compatible Inputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com