Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT245ADT Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74HCT245ADT
Description  Octal 3?뭆tate Noninverting Bus Transceiver with LSTTL Compatible Inputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT245ADT Datasheet(HTML) 6 Page - ON Semiconductor

  MC74HCT245ADT Datasheet HTML 1Page - ON Semiconductor MC74HCT245ADT Datasheet HTML 2Page - ON Semiconductor MC74HCT245ADT Datasheet HTML 3Page - ON Semiconductor MC74HCT245ADT Datasheet HTML 4Page - ON Semiconductor MC74HCT245ADT Datasheet HTML 5Page - ON Semiconductor MC74HCT245ADT Datasheet HTML 6Page - ON Semiconductor MC74HCT245ADT Datasheet HTML 7Page - ON Semiconductor MC74HCT245ADT Datasheet HTML 8Page - ON Semiconductor MC74HCT245ADT Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC74HCT245A
http://onsemi.com
6
ORDERING INFORMATION
Device
Package
Shipping
MC74HCT245AN
PDIP−20
18 Units / Rail
MC74HCT245ANG
PDIP−20
(Pb−Free)
MC74HCT245ADW
SOIC−20
38 Units / Rail
MC74HCT245ADWG
SOIC−20
(Pb−Free)
MC74HCT245ADWR2
SOIC−20
1000 / Tape & Reel
MC74HCT245ADWR2G
SOIC−20
(Pb−Free)
MC74HCT245ADT
TSSOP−20*
75 Units / Rail
MC74HCT245ADTG
TSSOP−20*
MC74HCT245ADTR2
TSSOP−20*
2500 / Tape & Reel
MC74HCT245ADTR2G
TSSOP−20*
MC74HCT245AFELG
SOEIAJ−20
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*These packages are inherently Pb−Free.
MARKING DIAGRAMS
PDIP−20
SOIC−20W
TSSOP−20
SOEIAJ−20
20
1
74HCT245A
AWLYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
20
HCT
245A
ALYW
G
G
20
1
HCT245A
AWLYYWWG
1
20
MC74HCT245AN
AWLYYWWG


Similar Part No. - MC74HCT245ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT245ADT ONSEMI-MC74HCT245ADT Datasheet
180Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT245ADTG ONSEMI-MC74HCT245ADTG Datasheet
153Kb / 9P
   Octal 3-State Noninverting Bus Transceiver
May, 2011 ??Rev. 12
MC74HCT245ADTR2 ONSEMI-MC74HCT245ADTR2 Datasheet
180Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT245ADTR2G ONSEMI-MC74HCT245ADTR2G Datasheet
153Kb / 9P
   Octal 3-State Noninverting Bus Transceiver
May, 2011 ??Rev. 12
More results

Similar Description - MC74HCT245ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HCT245DTR2G ONSEMI-74HCT245DTR2G Datasheet
105Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL-Compatible Inputs
May, 2007 - Rev. 0
MC74HCT245A ONSEMI-MC74HCT245A Datasheet
180Kb / 8P
   Octal 3-State Noninverting Bus Transceiver with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573A ONSEMI-MC74HCT573A_06 Datasheet
162Kb / 7P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2006 ??Rev. 11
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT373A ONSEMI-MC74HCT373A_06 Datasheet
163Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 11
74HC245 ONSEMI-74HC245 Datasheet
127Kb / 8P
   Octal 3?뭆tate Noninverting Bus Transceiver
March, 2007 ??Rev. 1
MC74HCT574A ONSEMI-MC74HCT574A_05 Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT374A ONSEMI-MC74HCT374A_05 Datasheet
116Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
June, 2005 ??Rev. 10
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com