Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9217 Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN9217
Description  16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9217 Datasheet(HTML) 1 Page - SMSC Corporation

  LAN9217 Datasheet HTML 1Page - SMSC Corporation LAN9217 Datasheet HTML 2Page - SMSC Corporation LAN9217 Datasheet HTML 3Page - SMSC Corporation LAN9217 Datasheet HTML 4Page - SMSC Corporation LAN9217 Datasheet HTML 5Page - SMSC Corporation LAN9217 Datasheet HTML 6Page - SMSC Corporation LAN9217 Datasheet HTML 7Page - SMSC Corporation LAN9217 Datasheet HTML 8Page - SMSC Corporation LAN9217 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 134 page
background image
SMSC LAN9217
DATASHEET
Revision 1.5 (07-18-06)
Datasheet
PRODUCT FEATURES
LAN9217
16-bit High-Performance
Single-Chip 10/100 Ethernet
Controller with HP Auto-MDIX
Highlights
Optimized for medium to high performance
applications
Efficient architecture with low CPU overhead
Easily interfaces to most 16-bit embedded CPU’s
Integrated PHY with HP Auto-MDIX
Supports audio & video streaming over Ethernet:
1-2 high-definition (HD) MPEG2 streams
Compatible with other members of LAN9218 family
Target Applications
Video distribution systems, multi-room PVR
Cable, satellite, and IP set-top boxes
Digital video recorders and DVD recorder/players
High definition televisions
Digital media clients/servers and home gateways
Video-over IP Solutions, IP PBX & video phones
Wireless routers & access points
High-end audio distribution systems
Key Benefits
Non-PCI Ethernet controller for medium-high
performance applications
— Highest performing non-PCI Ethernet controller
— 16-bit interface with fast bus cycle times
— Burst-mode read support
— External MII Interface
Eliminates dropped packets
— Internal buffer memory can store over 200 packets
— Automatic PAUSE and back-pressure flow control
Minimizes CPU overhead
— Supports Slave-DMA
— Interrupt Pin with Programmable Hold-off timer
Reduces system cost and increases design flexibility
SRAM-like interface easily interfaces to most
embedded CPU’s or SoC’s
Reduced Power Modes
— Numerous power management modes
— Wake on LAN*
— Magic packet wakeup*
— Wakeup indicator event signal
— Link Status Change
Single chip Ethernet controller
— Fully compliant with IEEE 802.3/802.3u standards
— Integrated Ethernet MAC and PHY
— 10BASE-T and 100BASE-TX support
— Full- and Half-duplex support
— Full-duplex flow control
— Backpressure for half-duplex flow control
— Preamble generation and removal
— Automatic 32-bit CRC generation and checking
— Automatic payload padding and pad removal
— Loop-back modes
Flexible address filtering modes
— One 48-bit perfect address
— 64 hash-filtered multicast addresses
— Pass all multicast
— Promiscuous mode
— Inverse filtering
— Pass all incoming with status report
— Disable reception of broadcast packets
Integrated 10/100 Ethernet PHY
— Supports HP Auto-MDIX
— Auto-negotiation
— Supports energy-detect power down
High-Performance host bus interface
— Simple, SRAM-like interface
— 16-bit data bus
— 16Kbyte FIFO with flexible TX/RX allocation
— One configurable host interrupt
Miscellaneous features
— Low-profile, green, lead-free 100-pin TQFP package
— Integrated 1.8V regulator
— General Purpose Timer
— Optional EEPROM interface
— Support for 3 status LEDs multiplexed with
Programmable GPIO signals
Single 3.3V Power Supply with 5V tolerant I/O
0 to 70
°C Commercial Temperature Support
* Third-party brands and names are the property of their respective
owners.


Similar Part No. - LAN9217

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9217 SMSC-LAN9217 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217-MT SMSC-LAN9217-MT Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
More results

Similar Description - LAN9217

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_12 Datasheet
1Mb / 139P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218I SMSC-LAN9218I Datasheet
1Mb / 130P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX & Industrial Temperature Support
LAN9218I SMSC-LAN9218I_07 Datasheet
1Mb / 133P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9215 SMSC-LAN9215_12 Datasheet
2Mb / 144P
   16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218I SMSC-LAN9218I_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com