Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD204J Datasheet(PDF) 9 Page - Analog Devices

Part # AD204J
Description  Low Cost, Miniature Isolation Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD204J Datasheet(HTML) 9 Page - Analog Devices

Back Button AD204J Datasheet HTML 4Page - Analog Devices AD204J Datasheet HTML 5Page - Analog Devices AD204J Datasheet HTML 6Page - Analog Devices AD204J Datasheet HTML 7Page - Analog Devices AD204J Datasheet HTML 8Page - Analog Devices AD204J Datasheet HTML 9Page - Analog Devices AD204J Datasheet HTML 10Page - Analog Devices AD204J Datasheet HTML 11Page - Analog Devices AD204J Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. D
AD202/AD204
–9–
CHANNEL 0
CHANNEL 1
HI
LO
HI
LO
RF
RG RF
RG
100pF
100pF
0.1”
GRID
1
3
5
2
4
6
1
3
5
2
4
6
Figure 16b.
Synchronization. Since AD204s operate from a common
clock, synchronization is inherent. AD202s will normally not
interact to produce beat frequencies even when mounted on
0.25-inch centers. Interaction may occur in rare situations where
a large number of long, unshielded input cables are bundled
together and channel gains are high. In such cases, shielded
cable may be required or AD204s can be used.
APPLICATIONS EXAMPLES
Low Level Sensor Inputs. In applications where the output of
low level sensors such as thermocouples must be isolated, a low
drift input amplifier can be used with an AD204, as shown in
Figure 17. A three-pole active filter is included in the design to
get normal-mode rejection of frequencies above a few Hz and to
provide enhanced common-mode rejection at 60 Hz. If offset
adjustment is needed, it is best done at the trim pins of the OP07
itself; gain adjustment can be done at the feedback resistor.
Note that the isolated supply current is large enough to mandate
the use of 1
mF supply bypass capacitors. This circuit can be
used with an AD202 if a low power op amp is used instead of
the OP07.
Process Current Input with Offset. Figure 18 shows an
isolator receiver that translates a 4-20 mA process current
signal into a 0 V to 10 V output. A 1 V to 5 V signal appears at
the isolator’s output, and a –1 V reference applied to output LO
provides the necessary level shift (in multichannel applications,
the reference can be shared by all channels). This technique is
often useful for getting offset with a follower-type output buffer.
AD202
OR
AD204
+
+15V
–15V
250
4–20mA
1V
TO
5V
15k
+
0V
TO
10V
10k
237
1k
AD589
6.8k
–15V
–1V TO
ADDITIONAL
CHANNELS
Figure 18. Process Current Input Isolator with Offset
The circuit as shown requires a source compliance of at least
5 V, but if necessary that can be reduced by using a lower value
of current-sampling resistor and configuring the input amplifier
for a small gain.
(NOTE: Circuit figures shown on this page are for SIP-style packages. Refer to
Page 3 for proper DIP package pinout.)
AD204
+7.5V
–7.5V
CLK RET
CLK
+
VO = VI
1 +
50k
RG
0.15 F
470k
470k
0.038 F
49.9k
RG
AD OP-07
1 F
+
1 F
+
1 F
+
39k
220M
HI
LO
OPTIONAL
OPEN INPUT
DETECTION
(
)
Figure 17. Input Amplifier and Filter for Sensor Signals


Similar Part No. - AD204J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD204J AD-AD204J Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD204J AD-AD204J Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD204JN AD-AD204JN Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD204JY AD-AD204JY Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
More results

Similar Description - AD204J

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD202 AD-AD202 Datasheet
412Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. B
AD202 AD-AD202_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
AD204 AD-AD204_15 Datasheet
934Kb / 12P
   Low Cost, Miniature Isolation Amplifiers
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C78A-500E AVAGO-ACPL-C78A-500E Datasheet
278Kb / 17P
   Miniature Isolation Amplifiers
ACPL-C790-000E AVAGO-ACPL-C790-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C790-500E AVAGO-ACPL-C790-500E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79A-000E AVAGO-ACPL-C79A-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B AVAGO-ACPL-C79B Datasheet
309Kb / 14P
   Precision Miniature Isolation Amplifiers
ACPL-C79B-000E AVAGO-ACPL-C79B-000E Datasheet
294Kb / 14P
   Precision Miniature Isolation Amplifiers
logo
MicroPower Direct, LLC
A200EHI MPD-A200EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com