Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74ACT74DT Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74ACT74DT
Description  Dual D?뭈ype Positive Edge?뭈riggered Flip?묯lop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT74DT Datasheet(HTML) 4 Page - ON Semiconductor

  MC74ACT74DT Datasheet HTML 1Page - ON Semiconductor MC74ACT74DT Datasheet HTML 2Page - ON Semiconductor MC74ACT74DT Datasheet HTML 3Page - ON Semiconductor MC74ACT74DT Datasheet HTML 4Page - ON Semiconductor MC74ACT74DT Datasheet HTML 5Page - ON Semiconductor MC74ACT74DT Datasheet HTML 6Page - ON Semiconductor MC74ACT74DT Datasheet HTML 7Page - ON Semiconductor MC74ACT74DT Datasheet HTML 8Page - ON Semiconductor MC74ACT74DT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC74AC74, MC74ACT74
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
3.3
100
125
95
MHz
3−3
5.0
140
160
125
tPLH
Propagation Delay
CDn or SDn to Qn or Qn
3.3
5.0
8.0
12.5
4.0
13.0
ns
3−6
5.0
3.5
6.0
9.0
3.0
10.0
tPHL
Propagation Delay
CDn or SDn to Qn or Qn
3.3
4.0
10.5
12.0
3.5
13.5
ns
3−6
5.0
3.0
8.0
9.5
2.5
10.5
tPLH
Propagation Delay
CPn to Qn or Qn
3.3
4.5
8.0
13.5
4.0
16.0
ns
3−6
5.0
3.5
6.0
10.0
3.0
10.5
tPHL
Propagation Delay
CPn to Qn or Qn
3.3
3.5
8.0
14.0
3.5
14.5
ns
3−6
5.0
2.5
6.0
10.0
2.5
10.5
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
Voltage Range 5.0 V is 5.0 V ±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Typ
Guaranteed Minimum
ts
Set-up Time, HIGH or LOW
3.3
1.5
4.0
4.5
ns
3−9
Dn to CPn
5.0
1.0
3.0
3.0
th
Hold Time, HIGH or LOW
3.3
−2.0
0.5
0.5
ns
3−9
Dn to CPn
5.0
−1.5
0.5
0.5
tw
CPn or CDn or SDn
3.3
3.0
5.5
7.0
ns
3−6
Pulse Width
5.0
2.5
4.5
5.0
trec
Recovery TIme
3.3
−2.5
0
0
ns
3−9
CDn or SDn to CP
5.0
−2.0
0
0
*Voltage Range 3.3 V is 3.3 V ±0.3 V.
Voltage Range 5.0 V is 5.0 V ±0.5 V.


Similar Part No. - MC74ACT74DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT74DTR2G ONSEMI-MC74ACT74DTR2G Datasheet
102Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
January, 2015 ??Rev. 8
More results

Similar Description - MC74ACT74DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC109 ONSEMI-MC74AC109 Datasheet
233Kb / 9P
   Dual JK Positive Edge?뭈riggered Flip?묯lop
June, 2006 ??Rev. 6
MC74LVX74 ONSEMI-MC74LVX74 Datasheet
112Kb / 7P
   Dual D?뭈ype Flip?묯lop with Set and Clear
June, 2006 ??Rev. 3
MC74VHC74 ONSEMI-MC74VHC74 Datasheet
159Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
March, 2006 ??Rev. 5
MC74VHCT74A ONSEMI-MC74VHCT74A_06 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74VHC374 ONSEMI-MC74VHC374 Datasheet
180Kb / 8P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
March, 2006 ??Rev. 5
logo
NTE Electronics
NTE4013B NTE-NTE4013B Datasheet
96Kb / 4P
   NTE4013B & NTE4013BT Integrated Circuit CMOS, Dual D?뭈ype Flip?묯lop
logo
ON Semiconductor
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
MC74VHCT574A ONSEMI-MC74VHCT574A_06 Datasheet
98Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
MC74AC374 ONSEMI-MC74AC374 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74VHCT374A ONSEMI-MC74VHCT374A_06 Datasheet
107Kb / 7P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Output
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com