Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2524C Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # SL2524C
Description  1.3GHz Dual Wideband Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2524C Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button SL2524C Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 10Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 11Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 12Page - Zarlink Semiconductor Inc SL2524C Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SL2524
9
Typical characteristics for a six stage strip, using detected output (Ref. figs 5 & 6) cont.
Fig.12 Detected O/P vs CW input at 60, 125, 450 and 600MHz at 25
°C
Fig.13 Detected O/P vs CW input level and temperature at 60 and 125MHz
0


Similar Part No. - SL2524C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL2524C MITEL-SL2524C Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
More results

Similar Description - SL2524C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL2524 MITEL-SL2524 Datasheet
377Kb / 17P
   1.3GHz Dual Wideband Logarithmic Amplifier
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Samsung semiconductor
S1T8825B SAMSUNG-S1T8825B Datasheet
275Kb / 16P
   1.3GHZ DUAL PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com