Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK7840-55 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK7840-55
Description  TrenchMOS transistor Standard level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7840-55 Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK7840-55 Datasheet HTML 1Page - NXP Semiconductors BUK7840-55 Datasheet HTML 2Page - NXP Semiconductors BUK7840-55 Datasheet HTML 3Page - NXP Semiconductors BUK7840-55 Datasheet HTML 4Page - NXP Semiconductors BUK7840-55 Datasheet HTML 5Page - NXP Semiconductors BUK7840-55 Datasheet HTML 6Page - NXP Semiconductors BUK7840-55 Datasheet HTML 7Page - NXP Semiconductors BUK7840-55 Datasheet HTML 8Page - NXP Semiconductors BUK7840-55 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK7840-55
Standard level FET
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-sp
From junction to solder point
Mounted on any PCB
12
15
K/W
R
th j-amb
From junction to ambient
Mounted on PCB of Fig.18
-
70
K/W
STATIC CHARACTERISTICS
T
j= 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
55
-
-
V
voltage
T
j = -55˚C
50
-
-
V
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
2.0
3.0
4.0
V
T
j = 150˚C
1.2
-
-
V
T
j = -55˚C
-
-
4.4
V
I
DSS
Zero gate voltage drain current
V
DS = 55 V; VGS = 0 V;
-
0.05
10
µA
T
j = 150˚C
-
-
100
µA
I
GSS
Gate source leakage current
V
GS = ±10 V
-
0.04
1
µA
T
j = 150˚C
-
-
10
µA
±V
(BR)GSS
Gate source breakdown voltage I
G = ±1 mA
16
-
-
V
R
DS(ON)
Drain-source on-state
V
GS = 10 V; ID = 5 A
-
30
40
m
resistance
T
j = 150˚C
-
-
74
m
DYNAMIC CHARACTERISTICS
T
mb = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fs
Forward transconductance
V
DS = 25 V; ID = 5 A; Tj = 25˚C
3
12
-
S
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
700
880
pF
C
oss
Output capacitance
-
200
240
pF
C
rss
Feedback capacitance
-
100
140
pF
t
d on
Turn-on delay time
V
DD = 30 V; ID = 9 A;
-
15
23
ns
t
r
Turn-on rise time
V
GS = 10 V; Rg = 10 Ω
-
5075ns
t
d off
Turn-off delay time
-
33
50
ns
t
f
Turn-off fall time
T
j = 25˚C
-
20
30
ns
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = -55 to 175˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
T
sp = 25˚C
-
-
10.7
A
current
I
DRM
Pulsed reverse drain current
T
sp = 25˚C
-
-
40
A
V
SD
Diode forward voltage
I
F = 5 A; VGS = 0 V
-
0.85
1.1
V
t
rr
Reverse recovery time
I
F = 5 A; -dIF/dt = 100 A/µs;
-
45
-
ns
Q
rr
Reverse recovery charge
V
GS = -10 V; VR = 30 V
-
0.3
-
µC
January 1998
2
Rev 1.000


Similar Part No. - BUK7840-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK78150-55 PHILIPS-BUK78150-55 Datasheet
54Kb / 9P
   TrenchMOS transistor Standard level FET
January 1998 Rev 1.000
BUK78150-55 PHILIPS-BUK78150-55 Datasheet
67Kb / 9P
   TrenchMOS transistor Standard level FET
January 1998 Rev 1.000
BUK78150-55A PHILIPS-BUK78150-55A Datasheet
295Kb / 13P
   TrenchMOS standard level FET
Rev. 01-30 January 2001
logo
Nexperia B.V. All right...
BUK78150-55A NEXPERIA-BUK78150-55A Datasheet
931Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 16 June 2010
logo
NXP Semiconductors
BUK78150-55A PHILIPS-BUK78150-55A_15 Datasheet
341Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-16 June 2010
More results

Similar Description - BUK7840-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7524-60 PHILIPS-BUK7524-60 Datasheet
22Kb / 5P
   TrenchMOS transistor Standard level FET
March 1997 Rev 1.000
BUK7675-55 PHILIPS-BUK7675-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Standard level FET
April 1998 Rev 1.100
PHB80N06T PHILIPS-PHB80N06T Datasheet
70Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHB87N03T PHILIPS-PHB87N03T Datasheet
65Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.200
PHP125N06T PHILIPS-PHP125N06T Datasheet
63Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP130N03T PHILIPS-PHP130N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
BUK7618-30 PHILIPS-BUK7618-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP60N06T PHILIPS-PHP60N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
PHP65N06T PHILIPS-PHP65N06T Datasheet
64Kb / 8P
   TrenchMOS transistor Standard level FET
November 1997 Rev 1.100
PHP87N03T PHILIPS-PHP87N03T Datasheet
59Kb / 8P
   TrenchMOS transistor Standard level FET
September 1997 Rev 1.100
PHB125N06T PHILIPS-PHB125N06T Datasheet
67Kb / 8P
   TrenchMOS transistor Standard level FET
December 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com