Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL3522NA1C Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # SL3522NA1C
Description  500MHz 75dB Logarithmic/Limiting Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL3522NA1C Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  SL3522NA1C Datasheet HTML 1Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 2Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 3Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 4Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 5Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 6Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 7Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 8Page - Zarlink Semiconductor Inc SL3522NA1C Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
SL3522
28
150
180
1.75
21
±30
+0.25
-05
-0.54
10
16
1.5:1
450
60
-1.0
50
75
70
-1
-1
-1.25
1.30
18
-5
±20
-0.1
±0.5
-0.59
-3.0
mA
mA
mA
dB
dB
dB
dB
dB
V
mV/dB
%
%
V
mV/
°C
V
V
ns
MHz
dB
dBm
14, 15
ALL VEE
Pins
13
13
13
13
13
13
13
17, 18,
19
13
13
27, 28
9, 10
9, 10
9, 10
9, 10
35
175
210
+1
+1
+1.25
2.00
24
+5
+0.5
-0.49
+1.0
ELECTRICAL CHARACTERISTICS
The electrical characteristics are guaranteed over the following range of operating conditions, using test circuit in Fig. 3 (unless
otherwise stated):
Temperature range: Military:
SL3522 A MC, SL3522 NA 1C
55
°C to +125°C (T
CASE)
Commercial:
SL3522 C MC
0
°C to +70°C (T
CASE)
Supply voltage:
VCC: +4.50V to +5.50V (all grades)
VEE: -4.5V to -5.50V (all grades)
Frequency
=100MHz to 500MHz
Rg, Ro, Rt
=1.5K
Video output load
=200
Ω//20pF
Test conditions (unless otherwise stated):
Temperature:
SL3522 A MC:
+25
°C, +125°C & -55°C (T
CASE)
SL3522 C MC:
+25
°C
SL3522 NA 1C
+25
°C
Supply voltage:
VCC = +5.0V, VEE = -5.0V
Min.
Typ.
Max.
Positive supply current
(quiescent)
Negative supply current
(quiescent)
Dynamic range
Linearity
Video output range
Video slope
Video slope variation
Video slope adjust range
Video offset
Video offset variation
Video offset adjust range
Video trim reference
voltage
Video output impedance
Video rise time
Input VSWR
RF bandwidth
RF limiting range
RF limited output level
RF output impedance
VCC = +5.0V
VEE = -5.0V See note 1
VEE = -5.0V See note 2
100 to 400MHz See note 1, 3
See note 1, 4
TCASE = -55°C
TCASE = +25°C
TCASE = +125°C
See note 5
RG = 1kΩ to 2.2kΩ
TCASE = +25°C
RO = 1kΩ to 2.2kΩ
See note 8
10% - 90% (60dB step)
See note 7
Zs = 50
Ω See note 7
TCASE = +25
°C RFIN = -70dBm
See notes 2, 7
See notes 2, 6, 7
R1 = 50
Ω single ended
See note 2
Single ended See notes 2, 8
Units
Value
Conditions
Parameter
Pin


Similar Part No. - SL3522NA1C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL3522NA1C MITEL-SL3522NA1C Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
More results

Similar Description - SL3522NA1C

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL3522 MITEL-SL3522 Datasheet
830Kb / 19P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
List of Unclassifed Man...
PS13201 ETC2-PS13201 Datasheet
1Mb / 22P
   500MHz 75dB Logarithmic/Limiting Amplifier
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
   0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
   0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
   50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441CN TI-TL441CN Datasheet
563Kb / 20P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com