Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8402MPES Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # SP8402MPES
Description  Very Low Phase Noise Divider by 2N
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8402MPES Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  SP8402MPES Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8402MPES Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8402MPES Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8402MPES Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8402MPES Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8402MPES Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SP8402
Very Low Phase Noise Divider by 2N
September 2005
The SP8402 is a very low phase noise divider which
divides by powers of two. The S0, S1, S2 data inputs select
the division ratio in the range 21 to 28.
Special circuits
techniques have been used to reduce the phase noise
considerably below that produced by standard dividers. The
data inputs are CMOS or TTL compatible.
The SP8402 is packaged in a 28 pin plastic SO package
to be compatible with the SP8400 and SP8401 devices.
FEATURES
I Very low Phase Noise (Typically -155 to 160dBc/Hz at
1kHz offset)
I Supply Voltage 5V
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
6.5V
Output Current
20mA
Storage Temperature Range
-55
°C to +125°C
Maximum Clock Input Voltage
2.5V p-p
MP28
Fig.1 Pin connections - top view
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
N/C
N/C
N/C
VCC +5V
GND
CLOCK INPUT
CLOCK INPUT
CLOCK INPUT
GND
VCC +5V
VCC +5V
N/C
S0
N/C
N/C
N/C
N/C
N/C
N/C
N/C
OUTPUT
OUTPUT
N/C
VCC +5V
N/C
S2
S1
CLOCK INPUT
Fig.2 Typical single sideband phase noise measured at 768MHz
Frequency (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k
Ordering Information
SP8402/KG/MPES
28 Pin SOIC
Tubes
SP8402/KG/MPFP
28 Pin SOIC*
Tubes
SP8402/KG/MP1T
28 Pin SOIC
Tape & Reel
*Pb Free Matte Tin
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright
1994-2005, Zarlink Semiconductor Inc. All Rights Reserved.


Similar Part No. - SP8402MPES

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8402 MITEL-SP8402 Datasheet
107Kb / 6P
   Very Low Phase Noise Divider by 2N
SP8402KGMPES MITEL-SP8402KGMPES Datasheet
107Kb / 6P
   Very Low Phase Noise Divider by 2N
More results

Similar Description - SP8402MPES

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8402 MITEL-SP8402 Datasheet
107Kb / 6P
   Very Low Phase Noise Divider by 2N
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
   Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
   Very Low Phase Noise Synthesiser Divider
logo
PhaseLink Corporation
PLL502-52 PLL-PLL502-52 Datasheet
203Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
logo
Abracon Corporation
ABV0252 ABRACON-ABV0252 Datasheet
58Kb / 5P
   Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
logo
ILSI America LLC
I428 ILSI-I428 Datasheet
134Kb / 2P
   Very Low Phase Noise Option
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
   Very Rugged - Low Phase Noise
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
   2.4GHz Very Low Phase Noise PLL
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
   Very Low Phase Noise 300MHz 첨10/11
logo
EUROQUARTZ limited
YH1322 EUROQUARTZ-YH1322 Datasheet
97Kb / 1P
   Very Low Phase Noise - HCMOS or Sinewave
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com