Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7266 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TDA7266
Description  77W DUAL BRIDGE AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7266 Datasheet(HTML) 2 Page - Unisonic Technologies

  TDA7266 Datasheet HTML 1Page - Unisonic Technologies TDA7266 Datasheet HTML 2Page - Unisonic Technologies TDA7266 Datasheet HTML 3Page - Unisonic Technologies TDA7266 Datasheet HTML 4Page - Unisonic Technologies TDA7266 Datasheet HTML 5Page - Unisonic Technologies TDA7266 Datasheet HTML 6Page - Unisonic Technologies TDA7266 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TDA7266
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R107-037,A
BLOCK DIAGRAM
470µF
100nF
Vcc
13
3
1
2
15
14 OUT2-
OUT2+
OUT1-
OUT1+
PW-GND
MUTE
IN2
ST-BY
IN1
S-GND
VREF
7
4
9
12
6
8
-
+
+
-
-
+
+
-
0.22µF
0.22µF


Similar Part No. - TDA7266

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
257Kb / 8P
   77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266B STMICROELECTRONICS-TDA7266B Datasheet
226Kb / 9P
   1010W DUAL BRIDGE AMPLIFIER
TDA7266B STMICROELECTRONICS-TDA7266B Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
More results

Similar Description - TDA7266

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266N UTC-TDA7266N Datasheet
211Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
TDA7266 UTC-TDA7266_10 Datasheet
257Kb / 8P
   77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266 UTC-TDA7266_15 Datasheet
257Kb / 8P
   7W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
109Kb / 9P
   7W MONO BRIDGE AMPLIFIER
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
   7W AUDIO AMPLIFIER
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
   7W Audio Power Amplifier
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
   7W AF POWER AMPLIFIER
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
   AF Power Amplifier (7W 7W min, THD = 1.0%)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com