Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7053AL-D16-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TDA7053AL-D16-T
Description  STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7053AL-D16-T Datasheet(HTML) 4 Page - Unisonic Technologies

  TDA7053AL-D16-T Datasheet HTML 1Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 2Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 3Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 4Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 5Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 6Page - Unisonic Technologies TDA7053AL-D16-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TDA7053A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R107-022,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
18
V
Repetitive Peak Output Current
IORM
1.25
A
Non- Repetitive Peak Output Current
IOSM
1.5
A
DIP-16
2.5
W
Total Power Dissipation (Ta 25
≦℃
)
SOP-16
PD
1.32
W
Short-Circuit Time
TSC
1
hr
Input Voltage Pins 2, 4, 6 and 8
VIN
5
V
Junction Temperature
TJ
+125
Operating Ambient Temperature
TOPR
-20~+85
Storage Temperature
TSTG
-40~+150
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃ ~ +70℃ operating temperature
range and assured by design from –20℃ ~ +85℃.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-16
50
K/W
Thermal Resistance From Junction To Ambient In Free Air
SOP-16
θJA
95
K/W
ELECTRICAL CHARACTERISTICS(VCC= 6V, Ta= 25℃, fIN=1kHz, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITONS
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
4.5
18
V
Total Quiescent Current (Note)
IQ
VCC=6V, RL=∞
22
25
mA
Maximum Gain: V2,8 ≥1.4 V
DIP-16
THD=10%, RL= 8Ω
1.0
1.1
W
Output Power
SOP-16
POUT
THD=10%, RL= 16Ω
0.5
0.55
W
DIP-16
POUT=0.5W
0.3
1
%
Total Harmonic Distortion
SOP-16
THD
POUT=0.25W
0.3
1
%
Voltage Gain
GV
39.5
40.5
41.5
dB
Input Signal Handling (RMS value)
VIN(RMS) Gv=0dB, THD<1%
1
V
Noise Output Voltage
eN
fIN=500kHz, RS=0Ω, BW=5kHz
210
µV
Bandwidth
BW
At-1dB
20Hz ~ 300kHz(TYP.)
Hz
Supply Voltage Ripple Rejection
RR
VIN(RMS)= 200mV, RS = 0Ω,
fIN = 100Hz~10kHz
34
38
dB
DC Output Offset Voltage
VO(OFF) | V16~V13 | and | V12~V9 |
0
200
mV
Input Impedance (pins 4 and 6)
ZIN
15
20
25
kΩ
Channel Separation
αCS
RS=5kΩ
40
dB
VDC1 = VDC2
1
dB
Channel Unbalance
| GV|
G1=0dB, VDC1 = VDC2
1
dB
Mute Position: V2,8 = 0.4 V ± 30 mV
Output Voltage In Mute Position
VO(MUTE) VIN=1.0V, Rs = 5 kΩ
30
40
µV
DC Volume Control
Gain Control
GC
68.5
73.5
dB
Volume Control Current
IDC
V2=V8=0V
-20
-25
-30
µA
Notes: With a load connected to the outputs the quiescent current will increase, the maximum value of this increase
being equal to the DC output offset voltage divided by RL.


Similar Part No. - TDA7053AL-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7053AL-D16-T UTC-TDA7053AL-D16-T Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - TDA7053AL-D16-T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7053A PHILIPS-TDA7053A Datasheet
117Kb / 16P
   Stereo BTL audio output amplifier with DC volume control
1997 Jul 15
logo
Unisonic Technologies
TDA7053A UTC-TDA7053A_15 Datasheet
268Kb / 7P
   STEREO BTL AUDIO OUTPUT AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
logo
Global Mixed-mode Techn...
G1450 GMT-G1450 Datasheet
84Kb / 1P
   2.4W Stereo Audio Amplifier with DC Volume Control
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
PA7469 UTC-PA7469_15 Datasheet
322Kb / 12P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PA7468 UTC-PA7468 Datasheet
216Kb / 6P
   STEREO 2.6W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com