Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC164AFEL Datasheet(PDF) 10 Page - ON Semiconductor

Part # MC74HC164AFEL
Description  8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC164AFEL Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC74HC164AFEL Datasheet HTML 3Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 4Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 5Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 6Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 7Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 8Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 9Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 10Page - ON Semiconductor MC74HC164AFEL Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MC74HC164A
http://onsemi.com
10
PACKAGE DIMENSIONS
TSSOP−14
CASE 948G−01
ISSUE B
DIM MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10 0.193 0.200
B
4.30
4.50 0.169 0.177
C
−−−
1.20
−−− 0.047
D
0.05
0.15 0.002 0.006
F
0.50
0.75 0.020 0.030
G
0.65 BSC
0.026 BSC
H
0.50
0.60 0.020 0.024
J
0.09
0.20 0.004 0.008
J1
0.09
0.16 0.004 0.006
K
0.19
0.30 0.007 0.012
K1
0.19
0.25 0.007 0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH OR GATE BURRS SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL
NOT EXCEED 0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08
(0.003) TOTAL IN EXCESS OF THE K
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
___
_
S
U
0.15 (0.006) T
2X
L/2
S
U
M
0.10 (0.004)
V S
T
L
−U−
SEATING
PLANE
0.10 (0.004)
−T−
SECTION N−N
DETAIL E
J J1
K
K1
DETAIL E
F
M
−W−
0.25 (0.010)
8
14
7
1
PIN 1
IDENT.
H
G
A
D
C
B
S
U
0.15 (0.006) T
−V−
14X
REF
K
N
N
7.06
14X
0.36
14X
1.26
0.65
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC74HC164AFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
MC74HC164A ONSEMI-MC74HC164A Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
MC74HC164AD ONSEMI-MC74HC164AD Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164AD ARTSCHIP-MC74HC164AD Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ON Semiconductor
MC74HC164ADG ONSEMI-MC74HC164ADG Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results

Similar Description - MC74HC164AFEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A_05 Datasheet
135Kb / 12P
   8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
74HC595DG ONSEMI-74HC595DG Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel.Output Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74LVX595 ONSEMI-MC74LVX595 Datasheet
344Kb / 14P
   8?묪it Shift Register
June, 2006 ??Rev. 2
logo
Fairchild Semiconductor
MM74C164 FAIRCHILD-MM74C164 Datasheet
78Kb / 7P
   8-Bit Parallel-Out Serial Shift Register
logo
Texas Instruments
SN74ALS164A TI-SN74ALS164A Datasheet
95Kb / 6P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
SN74ALS164A TI1-SN74ALS164A_14 Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Unisonic Technologies
U74AHC164 UTC-U74AHC164_V01 Datasheet
225Kb / 5P
   8-BIT SERIAL-PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
MM54C164 NSC-MM54C164 Datasheet
128Kb / 6P
   8-Bit Parallel-Out Serial Shift Register
logo
Motorola, Inc
SN54LS165 MOTOROLA-SN54LS165 Datasheet
207Kb / 6P
   8-BIT PARALLEL-TO-SERIAL SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com