Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC164AFELG Datasheet(PDF) 11 Page - ON Semiconductor

Part # MC74HC164AFELG
Description  8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC164AFELG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MC74HC164AFELG Datasheet HTML 3Page - ON Semiconductor MC74HC164AFELG Datasheet HTML 4Page - ON Semiconductor MC74HC164AFELG Datasheet HTML 5Page - ON Semiconductor MC74HC164AFELG Datasheet HTML 6Page - ON Semiconductor MC74HC164AFELG Datasheet HTML 7Page - ON Semiconductor MC74HC164AFELG Datasheet HTML 8Page - ON Semiconductor MC74HC164AFELG Datasheet HTML 9Page - ON Semiconductor MC74HC164AFELG Datasheet HTML 10Page - ON Semiconductor MC74HC164AFELG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MC74HC164A
http://onsemi.com
11
PACKAGE DIMENSIONS
SOEIAJ−14
CASE 965−01
ISSUE A
HE
A1
DIM
MIN
MAX
MIN
MAX
INCHES
−−−
2.05
−−−
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.10
0.20
0.004
0.008
9.90
10.50
0.390
0.413
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
−−−
1.42
−−−
0.056
A1
HE
Q1
LE
_ 10_
0
_ 10_
LE
Q1
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE
MOLD FLASH OR PROTRUSIONS AND ARE
MEASURED AT THE PARTING LINE. MOLD FLASH
OR PROTRUSIONS SHALL NOT EXCEED 0.15
(0.006) PER SIDE.
4. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5. THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
0.13 (0.005) M
0.10 (0.004)
D
Z
E
1
14
8
7
e
A
b
VIEW P
c
L
DETAIL P
M
A
b
c
D
E
e
0.50
M
Z
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC74HC164A/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MC74HC164AFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
MC74HC164A ONSEMI-MC74HC164A Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
MC74HC164AD ONSEMI-MC74HC164AD Datasheet
195Kb / 8P
   8-Bit Serial-Input/Parallel-Output Shift Register
March, 2000 ??Rev. 1
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164AD ARTSCHIP-MC74HC164AD Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ON Semiconductor
MC74HC164ADG ONSEMI-MC74HC164ADG Datasheet
151Kb / 11P
   8-Bit Serial-Input/Parallel- Output Shift Register
July, 2012 ??Rev. 6
More results

Similar Description - MC74HC164AFELG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165A ONSEMI-MC74HC165A_05 Datasheet
135Kb / 12P
   8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
74HC595DG ONSEMI-74HC595DG Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel.Output Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74LVX595 ONSEMI-MC74LVX595 Datasheet
344Kb / 14P
   8?묪it Shift Register
June, 2006 ??Rev. 2
logo
Fairchild Semiconductor
MM74C164 FAIRCHILD-MM74C164 Datasheet
78Kb / 7P
   8-Bit Parallel-Out Serial Shift Register
logo
Texas Instruments
SN74ALS164A TI-SN74ALS164A Datasheet
95Kb / 6P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
SN74ALS164A TI1-SN74ALS164A_14 Datasheet
665Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTER
logo
Unisonic Technologies
U74AHC164 UTC-U74AHC164_V01 Datasheet
225Kb / 5P
   8-BIT SERIAL-PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
MM54C164 NSC-MM54C164 Datasheet
128Kb / 6P
   8-Bit Parallel-Out Serial Shift Register
logo
Motorola, Inc
SN54LS165 MOTOROLA-SN54LS165 Datasheet
207Kb / 6P
   8-BIT PARALLEL-TO-SERIAL SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com