Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC165ADTR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC74HC165ADTR2G
Description  8?묪it Serial or Parallel?묲nput/ Serial?뭀utput Shift Register High?뭁erformance Silicon?묰ate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC165ADTR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC74HC165ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HC165ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HC165ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HC165ADTR2G Datasheet HTML 7Page - ON Semiconductor MC74HC165ADTR2G Datasheet HTML 8Page - ON Semiconductor MC74HC165ADTR2G Datasheet HTML 9Page - ON Semiconductor MC74HC165ADTR2G Datasheet HTML 10Page - ON Semiconductor MC74HC165ADTR2G Datasheet HTML 11Page - ON Semiconductor MC74HC165ADTR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC74HC165A
http://onsemi.com
9
PACKAGE DIMENSIONS
PDIP−16
N SUFFIX
CASE 648−08
ISSUE T
SOIC−16
D SUFFIX
CASE 751B−05
ISSUE J
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS
WHEN FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE
MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
−A−
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
−T−
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
18
16
9
SEATING
PLANE
F
J
M
R X 45
_
G
8 PL
P
−B−
−A−
M
0.25 (0.010)
B S
−T−
D
K
C
16 PL
S
B
M
0.25 (0.010)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
9.80
10.00
0.386
0.393
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
__
__


Similar Part No. - MC74HC165ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC165ADTR2G ONSEMI-MC74HC165ADTR2G Datasheet
135Kb / 12P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register
October, 2014 ??Rev. 9
More results

Similar Description - MC74HC165ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
74HC595 ONSEMI-74HC595 Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel?뭀utput Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74HC589A ONSEMI-MC74HC589A_05 Datasheet
141Kb / 14P
   8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output High?뭁erformance Silicon?묰ate CMOS
February, 2005 ??Rev. 3
MC74HC595A ONSEMI-MC74HC595A_05 Datasheet
124Kb / 12P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 9
74HC595DG ONSEMI-74HC595DG Datasheet
160Kb / 13P
   8?묪it Serial?묲nput/Serial or Parallel.Output Shift Register with Latched 3?뭆tate Outputs
March, 2007 ??Rev. 1
MC74HC32A ONSEMI-MC74HC32A_06 Datasheet
154Kb / 9P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 9
74HC32 ONSEMI-74HC32 Datasheet
127Kb / 8P
   Quad 2?묲nput OR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
IK Semicon Co., Ltd
IN74HC165A IKSEMICON-IN74HC165A Datasheet
264Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
IN74HC166A IKSEMICON-IN74HC166A Datasheet
193Kb / 7P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC165A KODENSHI-KK74HC165A Datasheet
277Kb / 8P
   8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com