Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC245AF Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC245AF
Description  Octal 3?뭆tate Noninverting Bus Transceiver High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC245AF Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC245AF Datasheet HTML 1Page - ON Semiconductor MC74HC245AF Datasheet HTML 2Page - ON Semiconductor MC74HC245AF Datasheet HTML 3Page - ON Semiconductor MC74HC245AF Datasheet HTML 4Page - ON Semiconductor MC74HC245AF Datasheet HTML 5Page - ON Semiconductor MC74HC245AF Datasheet HTML 6Page - ON Semiconductor MC74HC245AF Datasheet HTML 7Page - ON Semiconductor MC74HC245AF Datasheet HTML 8Page - ON Semiconductor MC74HC245AF Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC74HC245A
http://onsemi.com
5
VCC
GND
tf
tr
INPUT
A OR B
OUTPUT
B OR A
10%
50%
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
Figure 3. Switching Waveform
OUTPUT
ENABLE
A OR B
A OR B
50%
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
VCC
GND
50%
Figure 4. Switching Waveform
DIRECTION
OUTPUT
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
Figure 5. Test Circuit
*Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 6. Test Circuit
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k
W


Similar Part No. - MC74HC245AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC245AF ONSEMI-MC74HC245AF Datasheet
129Kb / 10P
   Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
MC74HC245AFEL ONSEMI-MC74HC245AFEL Datasheet
129Kb / 10P
   Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
MC74HC245AFELG ONSEMI-MC74HC245AFELG Datasheet
129Kb / 10P
   Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
MC74HC245AFG ONSEMI-MC74HC245AFG Datasheet
129Kb / 10P
   Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
More results

Similar Description - MC74HC245AF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC573A ONSEMI-MC74HC573A_05 Datasheet
118Kb / 8P
   Octal 3?뭆tate Noninverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 11
MC74HC574A ONSEMI-MC74HC574A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC244A ONSEMI-MC74HC244A_06 Datasheet
115Kb / 8P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/ Line Receiver High?뭁erformance Silicon?묰ate CMOS
April, 2006 ??Rev. 11
MC74HC541A ONSEMI-MC74HC541A_05 Datasheet
122Kb / 10P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 4
74HC245 ONSEMI-74HC245 Datasheet
127Kb / 8P
   Octal 3?뭆tate Noninverting Bus Transceiver
March, 2007 ??Rev. 1
MC74HC373A ONSEMI-MC74HC373A_05 Datasheet
119Kb / 10P
   Octal 3?뭆tate Non?묲nverting Transparent Latch High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 12
MC74HC374A ONSEMI-MC74HC374A_05 Datasheet
138Kb / 10P
   Octal 3?뭆tate Non?묲nverting D Flip?묯lop High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 10
MC74HC540A ONSEMI-MC74HC540A_05 Datasheet
119Kb / 8P
   Octal 3?뭆tate Inverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 9
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com