Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK866-400IZ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUK866-400IZ
Description  Insulated Gate Bipolar Transistor Protected Logic-Level IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK866-400IZ Datasheet(HTML) 6 Page - NXP Semiconductors

  BUK866-400IZ Datasheet HTML 1Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 2Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 3Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 4Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 5Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 6Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 7Page - NXP Semiconductors BUK866-400IZ Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Philips Semiconductors
Product specification
Insulated Gate Bipolar Transistor
BUK866-400 IZ
Protected Logic-Level IGBT
Fig.19. Typical Turn-off dV
CE/dt vs. RG
conditions: T
j=125 ˚C; IC=8 A; VCL=300 V; LC=5 mH.
Fig.20. Test circuit for inductive load switching times.
Fig.21. Definitions of inductive load switching times.
Fig.22. Reverse Breakdown Voltage
V
(BR)ECS = f(Tj); conditions: IEC = 50 mA
Fig.23. Test circuit for clamped turn-off energy test
Fig.24. Definition of clamping energy E
CER
0
2
4
Rg / kOhm
dVce/dt (V/us)
PMG35A
150
100
50
0
1
35
0
100
Tj / degC
V(BR)ECS / V
BUK856-400IZ
35
30
25
20
min.
typ.
-50
50
150
: adjust for correct Ic
Vcc
V
Lc
D.U.T.
R
0V
t p
0R1
G
VGE
IC measure
CL
: adjust for correct Ic
Vcc
Lc
D.U.T.
R
0V
t p
0R1
G
V
IC measure
GE
GE
C
CE
t
t
td(off)
tf
tc
10%
90%
10%
90%
V
V
I
t
t
V(cl)cer
I
Vce
Vge
V
Ecer
Ic
Vce x Ic
P
t
December 1996
6
Rev. 1.100


Similar Part No. - BUK866-400IZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK866-400IZ PHILIPS-BUK866-400IZ Datasheet
85Kb / 8P
   Insulated Gate Bipolar Transistor Protected Logic-Level IGBT
December 1996 Rev. 1.100
More results

Similar Description - BUK866-400IZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK856-400IZ PHILIPS-BUK856-400IZ Datasheet
81Kb / 8P
   Insulated Gate Bipolar Transistor Protected Logic-Level IGBT
December 1996 Rev. 1.200
BUK856-400IZ PHILIPS-BUK856-400IZ Datasheet
95Kb / 8P
   Insulated Gate Bipolar Transistor Protected Logic-Level IGBT
December 1996 Rev. 1.200
BUK866-400IZ PHILIPS-BUK866-400IZ Datasheet
85Kb / 8P
   Insulated Gate Bipolar Transistor Protected Logic-Level IGBT
December 1996 Rev. 1.100
BUK854-800A PHILIPS-BUK854-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
October 1994 Rev.1.100
logo
ON Semiconductor
NGTB30N60IHLWG ONSEMI-NGTB30N60IHLWG Datasheet
180Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTG30N60FLWG ONSEMI-NGTG30N60FLWG Datasheet
174Kb / 9P
   Insulated Gate Bipolar Transistor (IGBT)
January, 2013 ??Rev. 1
logo
NXP Semiconductors
BUK856-800A PHILIPS-BUK856-800A Datasheet
60Kb / 7P
   Insulated Gate Bipolar Transistor IGBT
March 1993 Rev 1.000
logo
ON Semiconductor
NGTB30N60FLWG ONSEMI-NGTB30N60FLWG Datasheet
182Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 0
NGTB40N60IHLWG ONSEMI-NGTB40N60IHLWG Datasheet
184Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
November, 2012 ??Rev. 0
NGTB50N60FWG ONSEMI-NGTB50N60FWG Datasheet
183Kb / 10P
   Insulated Gate Bipolar Transistor (IGBT)
December, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com