Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DNL12S0A0S16PFC Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DNL12S0A0S16PFC
Description  Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNL12S0A0S16PFC Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DNL12S0A0S16PFC Datasheet HTML 3Page - Delta Electronics, Inc. DNL12S0A0S16PFC Datasheet HTML 4Page - Delta Electronics, Inc. DNL12S0A0S16PFC Datasheet HTML 5Page - Delta Electronics, Inc. DNL12S0A0S16PFC Datasheet HTML 6Page - Delta Electronics, Inc. DNL12S0A0S16PFC Datasheet HTML 7Page - Delta Electronics, Inc. DNL12S0A0S16PFC Datasheet HTML 8Page - Delta Electronics, Inc. DNL12S0A0S16PFC Datasheet HTML 9Page - Delta Electronics, Inc. DNL12S0A0S16PFC Datasheet HTML 10Page - Delta Electronics, Inc. DNL12S0A0S16PFC Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS_DNL04SIP16A_10052006
7
ELECTRICAL CHARACTERISTICS CURVES
Figure 23: Typical transient response to step load change at
2.5A/µS from 100% to 50% of Io, max at 3.3Vin,
2.5V out
(Cout = ceramic, 10µF tantalum)
Figure 24: Typical transient response to step load change at
2.5A/µS from 50% to 100% of Io, max at 3.3Vin,
2.5V out
(Cout = ceramic, 10µF tantalum)
Figure 25: Typical transient response to step load change at
2.5A/µS from 100% to 50% of Io, max at 3.3Vin,
1.8V out
(Cout = ceramic, 10µF tantalum)
Figure 26: Typical transient response to step load change at
2.5A/µS from 50% to 100% of Io, max at 3.3Vin,
1.8V out
(Cout = ceramic, 10µF tantalum)
Figure 27: Output short circuit current 5Vin, 0.75Vout
Figure 28:Turn on with Prebias 5Vin, 3.3V/0A out, Vbias =1.0Vdc


Similar Part No. - DNL12S0A0S16PFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL12S0A0S10NFA DELTA-DNL12S0A0S10NFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL12S0A0S10NFB DELTA-DNL12S0A0S10NFB Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL12S0A0S10NFC DELTA-DNL12S0A0S10NFC Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL12S0A0S10PFA DELTA-DNL12S0A0S10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL12S0A0S10PFB DELTA-DNL12S0A0S10PFB Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
More results

Similar Description - DNL12S0A0S16PFC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL10S0A0S16NFD DELTA-DNL10S0A0S16NFD_14 Datasheet
745Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD_14 Datasheet
667Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com