Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

L6219 Datasheet(PDF) 2 Page - Unisonic Technologies

Part No. L6219
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6219 Datasheet(HTML) 2 Page - Unisonic Technologies

  L6219 Datasheet HTML 1Page - Unisonic Technologies L6219 Datasheet HTML 2Page - Unisonic Technologies L6219 Datasheet HTML 3Page - Unisonic Technologies L6219 Datasheet HTML 4Page - Unisonic Technologies L6219 Datasheet HTML 5Page - Unisonic Technologies L6219 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L6219
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R109-005,B
PIN CONFIGURATION
GROUND
GROUND
SENSE2
RC2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VREF2
PHASE2
I12
I02
OUT2B
COMP IN2
OUT2A
OUT1A
LOAD
SUPPLY
SENSE1
COMP IN1
OUT1B
I01
GROUND
GROUND
I11
PHASE1
VREF1
RC1
LOGIC
SUPPLY
Vcc
θ2
θ1
VBB
1
2
PWM CURRENT-CONTROL CIRCUITRY
I0
I1
CHANNEL 1
TERMINAL NUMBERS
SHOWN
40kΩ
23
24
15
20
17
22
-
+
ONE
SHOT
SOURCE
DISABLE
10kΩ
20kΩ
VBB
OUTA
OUTB
VREF
SENSE
RS
RC
CC
RT
CT
RC
÷ 10
COMP IN
1
21
14
TRUTH TABLE
PHASE
OUTA
OUTB
H
H
L
L
L
H


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
A3969 Dual Full-Bridge PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
3974_1 DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
MB3863_01 DUAL REVERSIBLE MOTOR DRIVER 1  2  3  4  5  More Fujitsu Component Limited.
A3985 Digitally Programmable Dual Full-Bridge MOSFET Driver 1  2  3  4  5  More Allegro MicroSystems
A3988 Quad DMOS Full Bridge PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
NCP3418B MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
BA6208_05 REVERSIBLE MOTOR DRIVER 1  2  3  4  Unisonic Technologies
NCP3488 MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
MC10H643_06 Dual Supply ECL to TTL 1:8 Clock Driver 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn