Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

L6219 Datasheet(PDF) 6 Page - Unisonic Technologies

Part No. L6219
Description  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6219 Datasheet(HTML) 6 Page - Unisonic Technologies

  L6219 Datasheet HTML 1Page - Unisonic Technologies L6219 Datasheet HTML 2Page - Unisonic Technologies L6219 Datasheet HTML 3Page - Unisonic Technologies L6219 Datasheet HTML 4Page - Unisonic Technologies L6219 Datasheet HTML 5Page - Unisonic Technologies L6219 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
L6219
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R109-005,B
TYPICAL CHARACTERISTIC
25
0.5
50
100
1.0
1.5
2.5
75
0
125
150
Temperature, in℃
2.0
RθJT=6℃/W
RθJT=55℃/W
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
A3969 Dual Full-Bridge PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
3974_1 DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER 1  2  3  4  5  More Allegro MicroSystems
MB3863_01 DUAL REVERSIBLE MOTOR DRIVER 1  2  3  4  5  More Fujitsu Component Limited.
A3985 Digitally Programmable Dual Full-Bridge MOSFET Driver 1  2  3  4  5  More Allegro MicroSystems
A3988 Quad DMOS Full Bridge PWM Motor Driver 1  2  3  4  5  More Allegro MicroSystems
NCP3418B MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
BA6208_05 REVERSIBLE MOTOR DRIVER 1  2  3  4  Unisonic Technologies
NCP3488 MOSFET Driver with Dual Outputs for Synchronous Buck Converters 1  2  3  4  5  More ON Semiconductor
MC10H643_06 Dual Supply ECL to TTL 1:8 Clock Driver 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn