Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3950 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3950
Description  DMOS Full-Bridge Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3950 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3950_06 Datasheet HTML 1Page - Allegro MicroSystems A3950_06 Datasheet HTML 2Page - Allegro MicroSystems A3950_06 Datasheet HTML 3Page - Allegro MicroSystems A3950_06 Datasheet HTML 4Page - Allegro MicroSystems A3950_06 Datasheet HTML 5Page - Allegro MicroSystems A3950_06 Datasheet HTML 6Page - Allegro MicroSystems A3950_06 Datasheet HTML 7Page - Allegro MicroSystems A3950_06 Datasheet HTML 8Page - Allegro MicroSystems A3950_06 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DMOS Full-Bridge Motor Driver
A3950
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
UVLO
STB
STG
TSD Warning
VBB
OUTA
OUTB
SENSE
Low-Side
Gate Supply
Charge
Pump
Motor Lead
Protection
Pad
Control Logic
Bias
Supply
GND
GND
SLEEP
NFAULT
PHASE
ENABLE
VDD
5 kΩ
5 kΩ
MODE
VREG
0.22 μF
25 V
0.1 μF
0.1 μF
0.1 μF
100 μF
OUTA
VBB
VCP
Load Supply
CP2
CP1
OUTB
SENSE
Functional Block Diagram
Terminal List Table
Name
Number
Description
EU
LP
NFAULT
15
1
Fault output, open drain
MODE
16
2
Logic input
PHASE
1
3
Logic input for direction control
GND
2, 12
4,13
Ground
SLEEP
3
5
Logic input
ENABLE
4
6
Logic input
OUTA
6
7
DMOS full-bridge output A
SENSE
7
8
Power return
VBB
8
9
Load supply voltage
OUTB
9
10
DMOS full-bridge output B
CP1
10
11
Charge pump capacitor terminal
CP2
11
12
Charge pump capacitor terminal
VCP
13
14
Reservoir capacitor terminal
VREG
14
15
Regulator decoupling terminal
NC
5
16
No connection
Pad
Exposed pad for thermal dissipation connect to GND pins


Similar Part No. - A3950_06

ManufacturerPart #DatasheetDescription
logo
3M Electronics
A3950-0000T 3M-A3950-0000T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
A3950-0010T 3M-A3950-0010T Datasheet
37Kb / 3P
   100 x 100, PCB Two Row
More results

Similar Description - A3950_06

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3949SLPTR ALLEGRO-A3949SLPTR Datasheet
240Kb / 7P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_04 Datasheet
226Kb / 8P
   DMOS Full-Bridge Motor Driver
A3949 ALLEGRO-A3949_16 Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950 Datasheet
317Kb / 9P
   DMOS Full-Bridge Motor Driver
November 4, 2005
A3949 ALLEGRO-A3949 Datasheet
231Kb / 7P
   DMOS Full-Bridge Motor Driver
A3950 ALLEGRO-A3950_16 Datasheet
705Kb / 13P
   DMOS Full-Bridge Motor Driver
A3949SLBTR ALLEGRO-A3949SLBTR Datasheet
230Kb / 7P
   DMOS Full-Bridge Motor Driver
A3959SLB-T ALLEGRO-A3959SLB-T Datasheet
562Kb / 12P
   DMOS Full-Bridge PWM Motor Driver
A4950KLJTR-T ALLEGRO-A4950KLJTR-T Datasheet
231Kb / 9P
   Full-Bridge DMOS PWM Motor Driver
A3959 ALLEGRO-A3959 Datasheet
557Kb / 11P
   DMOS Full-Bridge PWM Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com