Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALVTH16245 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54ALVTH16245
Description  2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ALVTH16245 Datasheet(HTML) 5 Page - Texas Instruments

  SN54ALVTH16245 Datasheet HTML 1Page - Texas Instruments SN54ALVTH16245 Datasheet HTML 2Page - Texas Instruments SN54ALVTH16245 Datasheet HTML 3Page - Texas Instruments SN54ALVTH16245 Datasheet HTML 4Page - Texas Instruments SN54ALVTH16245 Datasheet HTML 5Page - Texas Instruments SN54ALVTH16245 Datasheet HTML 6Page - Texas Instruments SN54ALVTH16245 Datasheet HTML 7Page - Texas Instruments SN54ALVTH16245 Datasheet HTML 8Page - Texas Instruments SN54ALVTH16245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SN54ALVTH16245, SN74ALVTH16245
2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCES066G – JUNE 1996 – REVISED APRIL 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALVTH16245
SN74ALVTH16245
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.3 V,
II = –18 mA
–1.2
–1.2
V
VCC = 2.3 V to 2.7 V,
IOH = –100 µA
VCC–0.2
VCC–0.2
VOH
VCC =2 3V
IOH = –6 mA
1.8
V
VCC = 2.3 V
IOH = –8 mA
1.8
VCC = 2.3 V to 2.7 V,
IOL = 100 µA
0.2
0.2
IOL = 6 mA
0.4
VOL
VCC =2 3V
IOL = 8 mA
0.4
V
VCC = 2.3 V
IOL = 18 mA
0.5
IOL = 24 mA
0.5
Control inputs
VCC = 2.7 V,
VI = VCC or GND
±1
±1
Control inputs
VCC = 0 or 2.7 V,
VI = 5.5 V
10
10
II
VI = 5.5 V
20
20
µA
A or B ports
VCC = 2.7 V
VI = VCC
1
1
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
IBHL‡
VCC = 2.3 V,
VI = 0.7 V
115
115
µA
IBHH§
VCC = 2.3 V,
VI = 1.7 V
–10
–10
µA
IBHLO¶
VCC = 2.7 V,
VI = 0 to VCC
300
300
µA
IBHHO#
VCC = 2.7 V,
VI = 0 to VCC
–300
–300
µA
IEX||
VCC = 2.3 V,
VO = 5.5 V
125
125
µA
IOZ(PU/PD)k
VCC ≤ 1.2 V, VO = 0.5 V to VCC,
VI = GND or VCC, OE = don’t care
±100
±100
µA
VCC = 2.7 V,
Outputs high
0.04
0.1
0.04
0.1
ICC
VCC = 2.7 V,
IO = 0,
Outputs low
2.3
4.5
2.3
4.5
mA
VI = VCC or GND
Outputs disabled
0.04
0.1
0.04
0.1
Ci
VCC = 2.5 V,
VI = 2.5 V or 0
3.5
3.5
pF
Cio
VCC = 2.5 V,
VO = 2.5 V or 0
8
8
pF
† All typical values are at VCC = 2.5 V, TA = 25°C.
‡ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and
then raising it to VIL max.
§ The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and
then lowering it to VIH min.
¶ An external driver must source at least IBHLO to switch this node from low to high.
# An external driver must sink at least IBHHO to switch this node from high to low.
|| Current into an output in the high state when VO > VCC
k High-impedance state during power up or power down
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54ALVTH16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH16245 TI-SN54ALVTH16245 Datasheet
396Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16245 TI1-SN54ALVTH16245 Datasheet
939Kb / 18P
[Old version datasheet]   2.5-V/3.3V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16245 TI1-SN54ALVTH16245_14 Datasheet
939Kb / 18P
[Old version datasheet]   2.5-V/3.3V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ALVTH16245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALVTH162245 TI-SN54ALVTH162245 Datasheet
232Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162245 TI1-SN54ALVTH162245_09 Datasheet
431Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALVTHR16245 TI-SN74ALVTHR16245 Datasheet
397Kb / 8P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16245 TI-SN54ALVTH16245 Datasheet
396Kb / 15P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTHR16245 TI1-SN54ALVTHR16245_14 Datasheet
940Kb / 18P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16501 TI-SN54ALVTH16501 Datasheet
170Kb / 11P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH162245 TI-SN54LVTH162245 Datasheet
467Kb / 17P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH16245A TI-SN54LVTH16245A Datasheet
496Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A Datasheet
474Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT162245A TI-SN54LVT162245A_08 Datasheet
610Kb / 18P
[Old version datasheet]   3.3-V ABT 16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com