Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1221RHARG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1221RHARG4
Description  ETHERNET TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1221RHARG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLK1221RHARG4 Datasheet HTML 1Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 2Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 3Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 4Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 5Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 6Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 7Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 8Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.ti.com
td(S)
td(S)
td(H)
td(H)
K28.5
DXX.X
DXX.X
DXX.X
K28.5
DXX.X
RBC0
RBC1
SYNC
RD(0–9)
td(H)
td(S)
K28.5
DXX.X
DXX.X
DXX.X
K28.5
DXX.X
RBC0
SYNC
RD(0–9)
Receiver Word Alignment
TLK1221
SLLS713 – FEBRUARY 2007
Figure 2. Synchronous Timing Characteristic Waveforms (TBI Half-Rate Mode)
The receiver clock interpolator can lock to the incoming data without the need for a lock-to-reference preset. The
received serial data rate (RXP and RXN) is at the same baud rate as the transmitted data stream,
±0.02% (200
PPM) for proper operation.
Figure 3. Synchronous Timing Characteristic Waveforms (TBI Full-Rate Mode)
These devices use the IEEE 802.3 Gigabit Ethernet defined 10-bit K28.5 character, which contains the 7-bit
comma-pattern word alignment scheme. The following sections explain how this scheme works and how it
realigns to the proper byte boundary of the data.
Comma Character on Expected Boundary
These devices provide 10-bit K28.5 character recognition and word alignment. The 10-bit word alignment is
enabled by forcing the SYNCEN terminal high. This enables the function that examines and compares serial
input data to the 7-bit synchronization pattern. The K28.5 character is defined by the 8b/10b coding scheme as a
pattern consisting of 0011 1110 10 (a negative number beginning with disparity), with the 7 MSBs (0011 111)
referred to as the comma character. The K28.5 character was implemented specifically for aligning data words.
As long as the K28.5 character falls within the expected 10-bit boundary, the received 10-bit data is properly
aligned and data realignment is not required. Figure 2 shows the timing characteristics of RBC0, RBC1, SYNC
and RD0–RD9 while synchronized. (Note: the K28.5 character is valid on the rising edge of RBC1).
Comma Character Not on Expected Boundary
If synchronization is enabled and a K28.5 character straddles the expected 10-bit word boundary, then word
realignment is necessary. Realignment or shifting the 10-bit word boundary truncates the character following the
misaligned K28.5, but the following K28.5 and all subsequent data is aligned properly as shown in Figure 4. The
RBC0 and RBC1 pulse widths are stretched or stalled in their current state during realignment. With this design,
the maximum stretch that occurs is 20 bit times. This occurs during a worst-case scenario when the K28.5 is
aligned to the falling edge of RBC1 instead of the rising edge. Figure 4 shows the timing characteristics of the
data realignment.
4
Submit Documentation Feedback


Similar Part No. - TLK1221RHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201AI TI1-TLK1201AI Datasheet
1,010Kb / 24P
[Old version datasheet]   Single Monolithic PLL Design
TLK1201AIRCP TI-TLK1201AIRCP Datasheet
272Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201AIRCP TI1-TLK1201AIRCP Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results

Similar Description - TLK1221RHARG4

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
   Fast Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com