Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1221RHARG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLK1221RHARG4
Description  ETHERNET TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1221RHARG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLK1221RHARG4 Datasheet HTML 4Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 5Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 6Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 7Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 8Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 9Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 10Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 11Page - Texas Instruments TLK1221RHARG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
REFERENCE CLOCK (REFCLK) TIMING REQUIREMENTS
TTL ELECTRICAL CHARACTERISTICS
TLK1221
SLLS713 – FEBRUARY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD,
VDDA,
Supply voltage
2.3
2.5
2.7
V
VDDPLL
IDD, IDDA,
Frequency = 1.25 Gbps, PRBS pattern; ENABLE
Total supply current
113
mA
IDDPLL
= 1, VDD , VDDPLL and VDDA = 2.7 V
PD
Total power dissipation
Frequency = 1.25 Gbps, PRBS pattern
235
305
mW
Total shutdown current (IDD+IDDA +
IDDQ
Enable = 0; VDD , VDDPLL and VDDA = 2.7 V
1000
µA
IDDPLL )
PLL
Startup lock time
VDD, VDDA = 2.5 V
500
µs
TA
Operating free-air temperature
–40
85
°C
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum data rate
TYP – 0.01%
60
TYP + 0.01%
f
Frequency
MHz
Maximum data rate
TYP – 0.01%
130
TYP + 0.01%
Accuracy
–100
100
ppm
DC
Duty cycle
40%
50%
60%
Jitter
Random plus deterministic
40
ps
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –400 µA
VDD – 0.2
2.3
V
VOL
Low-level output voltage
IOL = 1 mA
GND
0.25
0.5
V
VIH
High-level input voltage
1.7
3.6
V
VIL
Low-level input voltage
0.8
V
IIH
High-level input current
VDD = 2.3 V, VIN = 2 V
40
µA
IIL
Low-level input current
VDD = 2.3 V, VIN = 0.4 V
–40
µA
CIN
Input capacitance
4
pF
8
Submit Documentation Feedback


Similar Part No. - TLK1221RHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK1201 TI-TLK1201 Datasheet
279Kb / 19P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201A TI1-TLK1201A Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201AI TI1-TLK1201AI Datasheet
1,010Kb / 24P
[Old version datasheet]   Single Monolithic PLL Design
TLK1201AIRCP TI-TLK1201AIRCP Datasheet
272Kb / 21P
[Old version datasheet]   ETHERNET TRANSCEIVERS
TLK1201AIRCP TI1-TLK1201AIRCP Datasheet
790Kb / 23P
[Old version datasheet]   ETHERNET TRANSCEIVERS
More results

Similar Description - TLK1221RHARG4

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8904 CIRRUS-CS8904 Datasheet
1Mb / 34P
   ETHERNET TRANSCEIVER
logo
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
logo
Integrated Device Techn...
MC68160A IDT-MC68160A Datasheet
577Kb / 30P
   Enhanced Ethernet Transceiver
logo
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
logo
Level One
LXT970 LVL1-LXT970 Datasheet
3Mb / 56P
   Fast Ethernet Transceiver
logo
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
logo
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
logo
NXP Semiconductors
NE83Q93 PHILIPS-NE83Q93 Datasheet
90Kb / 11P
   Enhanced coaxial Ethernet transceiver
1995 May 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com