Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1106L-22-AF5-T Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LR1106L-22-AF5-T
Description  LARGE CURRENT POSITIVE VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1106L-22-AF5-T Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LR1106L-22-AF5-T Datasheet HTML 6Page - Unisonic Technologies LR1106L-22-AF5-T Datasheet HTML 7Page - Unisonic Technologies LR1106L-22-AF5-T Datasheet HTML 8Page - Unisonic Technologies LR1106L-22-AF5-T Datasheet HTML 9Page - Unisonic Technologies LR1106L-22-AF5-T Datasheet HTML 10Page - Unisonic Technologies LR1106L-22-AF5-T Datasheet HTML 11Page - Unisonic Technologies LR1106L-22-AF5-T Datasheet HTML 12Page - Unisonic Technologies LR1106L-22-AF5-T Datasheet HTML 13Page - Unisonic Technologies LR1106L-22-AF5-T Datasheet HTML 14Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LR1106
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
10 of 16
www.unisonic.com.tw
QW-R502-055,F
TYPICAL CHARACTERISTICS (Cont.)
(2) LR1106-25
VIN=3.5V
CIN=CL=1.0μF (tantalum)
2.6
2.5
2.4
2.3
2.2
0
100
200
300
400
85℃
TOPR=25℃
Output Current, IOUT (mA)
1.3
0
Input Voltage, VIN (V)
IOUT=1mA
IOUT=40mA
IOUT=100mA
12
3
4
5
6
7
TOPR=25℃
CIN=CL=1.0μF (tantalum)
1.5
1.7
1.8
2.1
2.3
2.5
2.7
Output Voltage vs Output Current
Output Voltage vs Input Voltage
CIN=CL=1.0μF (tantalum)
1.2
1.0
0.6
0.0
0
100
200
300
400
85℃
TOPR=25℃
Output Current, IOUT (mA)
0.8
0.4
0.2
20
8
85℃
TOPR=25℃
Input Voltage, VIN (V)
6
4
2
0
15
10
5
0
Dropout Voltage vs Output Current
Supply Current vs Input Voltage
2.60
2.40
100
Ambient Temperature, TOPR (℃)
IOUT=1mA
IOUT=40mA
IOUT=100mA
80
60
40
20
0
-20
-40
-60
2.45
2.50
2.55
0
100
Ambient Temperature, TOPR (℃)
80
60
40
20
0
-20
-40
-60
5
10
15
20
VIN=3.5V
Output Voltage vs Ambient Temperature
Supply Current vs Ambient Temperature


Similar Part No. - LR1106L-22-AF5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1106L-XX-AB3-B-R UTC-LR1106L-XX-AB3-B-R Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
LR1106L-XX-AB3-C-R UTC-LR1106L-XX-AB3-C-R Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
LR1106L-XX-AE3-3-R UTC-LR1106L-XX-AE3-3-R Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
LR1106L-XX-AF5-R UTC-LR1106L-XX-AF5-R Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
LR1106L-XX-S08-R UTC-LR1106L-XX-S08-R Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
More results

Similar Description - LR1106L-22-AF5-T

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203 TOREX-XC6203_1 Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
logo
Unisonic Technologies
LR1106 UTC-LR1106_17 Datasheet
869Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1106 ETL-LR1106 Datasheet
859Kb / 17P
   LARGE CURRENT POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1106 UTC-LR1106_12 Datasheet
866Kb / 17P
   LARGE CURRENT POSITIVE
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A Datasheet
101Kb / 16P
   Three-Terminal Low Current Positive Voltage Regulators
December, 2004 ??Rev. 9
logo
Cystech Electonics Corp...
PL78M05XA3 CYSTEKEC-PL78M05XA3 Datasheet
154Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
PL78M05XT3 CYSTEKEC-PL78M05XT3 Datasheet
155Kb / 4P
   Three Terminal Medium Current Positive Voltage Regulators
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM78M05J3 CYSTEKEC-LM78M05J3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
LM78MXXJ3 CYSTEKEC-LM78MXXJ3 Datasheet
466Kb / 12P
   Three Terminal Medium Current Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com