Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600GNS-8058Z Datasheet(PDF) 1 Page - TOKO, Inc

Part # 600GNS-8058Z
Description  Variable Coils
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

600GNS-8058Z Datasheet(HTML) 1 Page - TOKO, Inc

  600GNS-8058Z Datasheet HTML 1Page - TOKO, Inc 600GNS-8058Z Datasheet HTML 2Page - TOKO, Inc 600GNS-8058Z Datasheet HTML 3Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
73
Variable Coils
TYPE
7KLL
7mm TYPE 7KLL
Frequency Range: 2-120MHz
Inductance Range: 0.03-50
µH
Temperature Coefficient: Inductor TC (L) 220+220ppm/°C
With Internal Capacitor TC (F) 0±250ppm/°C
Internal Capacitance Values: 5-100pF
Features
• Type 7KL is a low profile version of 7KM.
• Spiral wound with high number of closely spaced slots on form
yields low distributed capacitance, low temperature coefficient,
and added stability in humid conditions.
STANDARD COILS SELECTION GUIDE
TYPE 7KLL Frequency Range: 2 ~ 30MHz
TOKO
Test
Part
Inductance
Q
Frequency
Number
(µH)
min.
(MHz)
600BNS-8001 Z
0.10 ± 6%
40 min
50
600BNS-8002 Z
0.12 ± 6%
40 min
50
600BNS-8003 Z
0.15 ± 6%
45 min
50
600BNS-8004 Z
0.18 ± 6%
45 min
50
600BNS-8005 Z
0.22 ± 6%
50 min
50
600BNS-8006 Z
0.27 ± 6%
50 min
50
600BNS-8007 Z
0.33 ± 6%
55 min
50
600BNS-8008 Z
0.39 ± 6%
55 min
50
600BNS-8009 Z
0.47 ± 6%
55 min
50
600BNS-8010 Z
0.56 ± 6%
55 min
50
600BNS-8011 Z
0.68 ± 6%
55 min
50
600BNS-8012 Z
0.82 ± 6%
55 min
50
600BNS-8013 Z
1.0 ± 6%
49 ± 20%
7.96
600BNS-8014 Z
1.2 ± 6%
50 ± 20%
7.96
600BNS-8015 Z
1.5 ± 6%
47 ± 20%
7.96
600BNS-8016 Z
1.8 ± 6%
49 ± 20%
7.96
600BNS-8017 Z
2.2 ± 6%
46 ± 20%
7.96
600BNS-8018 Z
2.7 ± 6%
48 ± 20%
7.96
600BNS-8019 Z
3.3 ± 6%
48 ± 20%
7.96
600BNS-8020 Z
3.9 ± 6%
47 ± 20%
7.96
600BNS-8021 Z
4.7 ± 6%
47 ± 20%
7.96
600BNS-8022 Z
5.6 ± 6%
46 ± 20%
7.96
600BNS-8023 Z
6.8 ± 6%
45 ± 20%
7.96
600BNS-8024 Z
8.2 ± 6%
45 ± 20%
7.96
600BNS-8025 Z
10.0 ± 6%
40 ± 20%
2.52
600BNS-8026 Z
12.0 ± 6%
42 ± 20%
2.52
600BNS-8027 Z
15.0 ± 6%
43 ± 20%
2.52
600BNS-8028 Z
18.0 ± 6%
45 ± 20%
2.52
600BNS-8029 Z
22.0 ± 6%
46 ± 20%
2.52
F600BNS-8030 Z
27.0 ± 6%
33 ± 20%
2.52
F600BNS-8031 Z
33.0 ± 6%
32 ± 20%
2.52
F600BNS-8032 Z
39.0 ± 6%
37 ± 20%
2.52
F600BNS-8033 Z
47.0 ± 6%
36 ± 20%
2.52


Similar Part No. - 600GNS-8058Z

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
600GP MARATHON-600GP Datasheet
136Kb / 1P
   COVERS - DOUBLE ROW
DEC 2020
600GP2004XX MARATHON-600GP2004XX Datasheet
52Kb / 1P
   FEED-THRU SOLDER TURRET
August 2021
More results

Similar Description - 600GNS-8058Z

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
7KMM TOKO-7KMM Datasheet
31Kb / 2P
   Variable Coils
7PA TOKO-7PA Datasheet
20Kb / 1P
   Variable Coils
294SN-T1008Z TOKO-294SN-T1008Z Datasheet
31Kb / 1P
   Variable Coils
7PL TOKO-7PL Datasheet
29Kb / 1P
   Variable Coils
5KM TOKO-5KM Datasheet
38Kb / 1P
   Variable Coils
logo
XFMRS Inc.
XF757595-R47 XFMRS-XF757595-R47 Datasheet
34Kb / 1P
   VARIABLE COILS
logo
TOKO, Inc
451AN-0002Z TOKO-451AN-0002Z Datasheet
26Kb / 1P
   Variable Coils
7BR-151208N2 TOKO-7BR-151208N2 Datasheet
27Kb / 1P
   Variable Coils
7TS TOKO-7TS Datasheet
26Kb / 1P
   Variable Coils
logo
XFMRS Inc.
XF757595-2R0 XFMRS-XF757595-2R0 Datasheet
34Kb / 1P
   VARIABLE COILS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com