Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74AC4040DR2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74AC4040DR2
Description  12?뭆tage Binary Ripple Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC4040DR2 Datasheet(HTML) 2 Page - ON Semiconductor

  MC74AC4040DR2 Datasheet HTML 1Page - ON Semiconductor MC74AC4040DR2 Datasheet HTML 2Page - ON Semiconductor MC74AC4040DR2 Datasheet HTML 3Page - ON Semiconductor MC74AC4040DR2 Datasheet HTML 4Page - ON Semiconductor MC74AC4040DR2 Datasheet HTML 5Page - ON Semiconductor MC74AC4040DR2 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74AC4040
http://onsemi.com
2
Figure 2. Logic Diagram
CLOCK
10
11
RESET
PIN 16 = VCC
PIN 8 = GND
9
7
6
5
3
2
4
13
12
14
15
1
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
−0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
−0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)
−0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA
IOUT
DC Output Current, per Pin
±50
mA
ICC
DC VCC or GND Current per Output Pin
±50
mA
PD
Power Dissipation in Still Air
Plastic
{
SOIC Package
{
750
500
mW
Tstg
Storage Temperature
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 seconds
(Plastic DIP or SOIC Package)
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
†Derating: Plastic DIP: − 10mW/
°C from 65°C to 125°C SOIC Package: −7.0 mW/°C from 65°C to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN/VOUT
Input Voltage, Output Voltage (Referenced to GND)
0
VCC
TA
Operating Temperature, All Package Types
−40
+85
°C
tr/tf
Input Rise/Fall Time
(Figure 1)
VCC = 3.0 V
VCC = 4.5 V
VCC = 5.5 V
0
0
0
150
40
25
ns/V


Similar Part No. - MC74AC4040DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC4040DR2G ONSEMI-MC74AC4040DR2G Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
More results

Similar Description - MC74AC4040DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC4040A ONSEMI-MC74HC4040A_05 Datasheet
114Kb / 10P
   12?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
MC14024B ONSEMI-MC14024B_06 Datasheet
149Kb / 9P
   7?뭆tage Ripple Counter
October, 2006 ??Rev. 7
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com