Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT640 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74ACT640
Description  Octal 3?뭆tate Inverting Transciever
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT640 Datasheet(HTML) 4 Page - ON Semiconductor

  74ACT640 Datasheet HTML 1Page - ON Semiconductor 74ACT640 Datasheet HTML 2Page - ON Semiconductor 74ACT640 Datasheet HTML 3Page - ON Semiconductor 74ACT640 Datasheet HTML 4Page - ON Semiconductor 74ACT640 Datasheet HTML 5Page - ON Semiconductor 74ACT640 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74ACT640
http://onsemi.com
4
SWITCHING WAVEFORMS
10%
Figure 2.
Figure 3.
*Includes all probe and jig capacitance
CL*
50
W SCOPE
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4. Test Circuit
450
W
INPUT
3.0 V
GND
50%
50%
INPUT
A or B
OUTPUT
A or B
tPLH
tPHL
90%
10%
90%
tTHL
tTLH
tr
tf
50%
50%
50%
GND
VOL
VOH
A OR B
A OR B
tPZL tPLZ
tPZH tPHZ
HIGH
IMPEDANCE
OE
10%
90%
HIGH
IMPEDANCE
3.0 V
3.0 V
GND
T/R
MARKING DIAGRAMS
PDIP−20
SOIC−20W
SOEIAJ−20
1
20
MC74ACT640N
AWLYYWWG
A
= Assembly Location
WL
= Wafer Lot
YY, Y
= Year
WW
= Work Week
G
= Pb−Free Package
20
1
74ACT640
AWLYWWG
20
1
ACT640
AWLYYWWG


Similar Part No. - 74ACT640

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT646 FAIRCHILD-74ACT646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74ACT646 FAIRCHILD-74ACT646 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74ACT646SC FAIRCHILD-74ACT646SC Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74ACT646SPC FAIRCHILD-74ACT646SPC Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
More results

Similar Description - 74ACT640

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT640 ONSEMI-MC74ACT640_15 Datasheet
77Kb / 6P
   Octal 3-State Inverting Transciever
March, 2015 ??Rev. 4
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
74HC245 ONSEMI-74HC245 Datasheet
127Kb / 8P
   Octal 3?뭆tate Noninverting Bus Transceiver
March, 2007 ??Rev. 1
MC74HC540A ONSEMI-MC74HC540A_05 Datasheet
119Kb / 8P
   Octal 3?뭆tate Inverting Buffer/Line Driver/Line Receiver High?뭁erformance Silicon?묰ate CMOS
July, 2005 ??Rev. 9
MC74AC373 ONSEMI-MC74AC373 Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
74HC373 ONSEMI-74HC373 Datasheet
129Kb / 9P
   Octal 3?뭆tate Non?묲nverting Transparent Latch
March, 2007 ??Rev. 0
74HC574 ONSEMI-74HC574 Datasheet
132Kb / 8P
   Octal 3?뭆tate Noninverting D Flip?묯lop
March, 2007 ??Rev. 1
MC74AC574 ONSEMI-MC74AC574_06 Datasheet
115Kb / 10P
   Octal D Flip?묯lop with 3?뭆tate Outputs
December, 2006 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
logo
Fairchild Semiconductor
MM74HC240 FAIRCHILD-MM74HC240_05 Datasheet
103Kb / 8P
   Inverting Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com