Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC04ADG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74HC04ADG
Description  Hex Inverter High?뭁erformance Silicon?묰ate CMOS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC04ADG Datasheet(HTML) 2 Page - ON Semiconductor

  MC74HC04ADG Datasheet HTML 1Page - ON Semiconductor MC74HC04ADG Datasheet HTML 2Page - ON Semiconductor MC74HC04ADG Datasheet HTML 3Page - ON Semiconductor MC74HC04ADG Datasheet HTML 4Page - ON Semiconductor MC74HC04ADG Datasheet HTML 5Page - ON Semiconductor MC74HC04ADG Datasheet HTML 6Page - ON Semiconductor MC74HC04ADG Datasheet HTML 7Page - ON Semiconductor MC74HC04ADG Datasheet HTML 8Page - ON Semiconductor MC74HC04ADG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC74HC04A
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
– 0.5 to + 7.0
V
Vin
DC Input Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Vout
DC Output Voltage (Referenced to GND)
– 0.5 to VCC + 0.5
V
Iin
DC Input Current, per Pin
± 20
mA
Iout
DC Output Current, per Pin
± 25
mA
ICC
DC Supply Current, VCC and GND Pins
± 50
mA
PD
Power Dissipation in Still Air,
Plastic DIP†
SOIC Package†
TSSOP Package†
750
500
450
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
Plastic DIP, SOIC or TSSOP Package
260
_C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be
taken to avoid applications of any voltage higher than maximum rated voltages to this high−impedance circuit. For proper operation, Vin and
Vout should be constrained to the range GND v (Vin or Vout) v VCC. Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either GND or VCC). Unused outputs must be left open.
†Derating − Plastic DIP: – 10 mW/_C from 65_ to 125_C
SOIC Package: – 7 mW/_C from 65_ to 125_C
TSSOP Package: − 6.1 mW/_C from 65_ to 125_C
For high frequency or heavy load considerations, see Chapter 2 of the ON Semiconductor High−Speed CMOS Data Book (DL129/D).
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
Vin, Vout
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
– 55
+ 125
_C
tr, tf
Input Rise and Fall Time
VCC = 2.0 V
(Figure 1)
VCC = 4.5 V
VCC = 6.0 V
0
0
0
1000
500
400
ns


Similar Part No. - MC74HC04ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC04ADG ONSEMI-MC74HC04ADG Datasheet
123Kb / 7P
   Hex Inverter
October, 2013 ??Rev. 14
More results

Similar Description - MC74HC04ADG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HCU04A ONSEMI-MC74HCU04A_06 Datasheet
167Kb / 9P
   Hex Unbuffered Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 4
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74HC14A ONSEMI-MC74HC14A_06 Datasheet
160Kb / 10P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
October, 2006 ??Rev. 11
74HCT04 ONSEMI-74HCT04 Datasheet
125Kb / 7P
   Hex Inverter With LSTTL?묬ompatible Inputs High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
MC74VHC4051DTR2G ONSEMI-MC74VHC4051DTR2G Datasheet
206Kb / 17P
   High?뭁erformance Silicon?묰ate CMOS
May, 2011 ??Rev. 6
MC74HC160A ONSEMI-MC74HC160A Datasheet
162Kb / 12P
   High?뭁erformance Silicon?묰ate CMOS
May, 2013 ??Rev. 2
MC74HC4351 ONSEMI-MC74HC4351 Datasheet
356Kb / 13P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HC4016 ONSEMI-MC74HC4016 Datasheet
286Kb / 11P
   High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 7
MC74HCT541A ONSEMI-MC74HCT541A_17 Datasheet
93Kb / 6P
   High?뭁erformance Silicon?묰ate CMOS
June, 2017 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com