Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9535-55 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BUK9535-55
Description  TrenchMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9535-55 Datasheet(HTML) 3 Page - NXP Semiconductors

  BUK9535-55 Datasheet HTML 1Page - NXP Semiconductors BUK9535-55 Datasheet HTML 2Page - NXP Semiconductors BUK9535-55 Datasheet HTML 3Page - NXP Semiconductors BUK9535-55 Datasheet HTML 4Page - NXP Semiconductors BUK9535-55 Datasheet HTML 5Page - NXP Semiconductors BUK9535-55 Datasheet HTML 6Page - NXP Semiconductors BUK9535-55 Datasheet HTML 7Page - NXP Semiconductors BUK9535-55 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK9535-55
Logic level FET
AVALANCHE LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
W
DSS
Drain-source non-repetitive
I
D = 20 A; VDD ≤ 25 V;
-
-
45
mJ
unclamped inductive turn-off
V
GS = 5 V; RGS = 50 Ω; Tmb = 25 ˚C
energy
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 5 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
0
20
40
60
80
100
120
140
160
180
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1
10
100
1
10
100
1000
tp =
1 us
10us
100 us
1 ms
10ms
100ms
ID/A
VDS/V
RDS(ON) = VDS/ID
DC
0
20
40
60
80
100
120
140
160
180
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1.0E-06
0.0001
0.01
1
100
0.01
0.1
1
10
ZTH/ (K/W)
t/s
0.5
0.2
0.1
0.05
0.02
0
D =
tp
tp
T
T
P
t
D
April 1998
3
Rev 1.100


Similar Part No. - BUK9535-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9535-55 PHILIPS-BUK9535-55 Datasheet
65Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9535-55A PHILIPS-BUK9535-55A Datasheet
71Kb / 9P
   TrenchMOS transistor standard level FET
February 2000 - Rev 1.000
logo
Inchange Semiconductor ...
BUK9535-55A ISC-BUK9535-55A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9535-55A NEXPERIA-BUK9535-55A Datasheet
345Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 02 - 28 April 2011
logo
NXP Semiconductors
BUK9535-55A PHILIPS-BUK9535-55A_15 Datasheet
231Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-28 April 2011
More results

Similar Description - BUK9535-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com