Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL072-P08-T Datasheet(PDF) 11 Page - Unisonic Technologies

Part # TL072-P08-T
Description  LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL072-P08-T Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button TL072-P08-T Datasheet HTML 3Page - Unisonic Technologies TL072-P08-T Datasheet HTML 4Page - Unisonic Technologies TL072-P08-T Datasheet HTML 5Page - Unisonic Technologies TL072-P08-T Datasheet HTML 6Page - Unisonic Technologies TL072-P08-T Datasheet HTML 7Page - Unisonic Technologies TL072-P08-T Datasheet HTML 8Page - Unisonic Technologies TL072-P08-T Datasheet HTML 9Page - Unisonic Technologies TL072-P08-T Datasheet HTML 10Page - Unisonic Technologies TL072-P08-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TL072
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 11
www.unisonic.com.tw
QW-R105-004,E
TYPICAL CHARACTERISTICS(Cont.)
Voltage Follower Large Signal Pulse Response
3.5
Time (μs)
0
Output Voltage versus Elapsed Time
28
0
0.7
0.5
4
-4
0.2
12
0.4
0
16
2.5
0.3
tr
0.6
2
1
24
4
0
3
1.5
0.5
Input
2
6
-2
-4
-6
VCC = ±15V
RL = 2kΩ
CL = 100pF
Tamb = +25℃
Output
20
8
Time (μs)
0.1
10%
90%
Overshoot
RL = 10kΩ
VCC = ±15V
Tamb = +25℃
Equivalent Input Noise Voltage versus
Frequency
100k
Frequency (Hz)
40
Total Harmonic Distortion versus Frequency
1
100k
0.004
0.001
1k
0.04
10k
100
0.1
10k
4k
40k
4k
400
0.4
60
30
40k
1k
100
50
70
20
10
0
0.01
400
VCC = ±15V
AV = 10
RS = 100Ω
Ta = +25℃
10
40
VCC = ±15V
AV = 1
VO(ms) = 6V
Ta = +25℃
Frequency (Hz)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - TL072-P08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL072-P08-T UTC-TL072-P08-T Datasheet
154Kb / 9P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
More results

Similar Description - TL072-P08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL072 UTC-TL072_15 Datasheet
154Kb / 9P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
   LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4072MF-DAA RENESAS-UPC4072MF-DAA Datasheet
292Kb / 9P
   J-FET Input Low-Noise Dual Operational amplifier
Jul 25, 2012
logo
Unisonic Technologies
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
   LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
   LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com