Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF244C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # BF244C
Description  N-Channel RF Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BF244C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  BF244C Datasheet HTML 1Page - Fairchild Semiconductor BF244C Datasheet HTML 2Page - Fairchild Semiconductor BF244C Datasheet HTML 3Page - Fairchild Semiconductor BF244C Datasheet HTML 4Page - Fairchild Semiconductor BF244C Datasheet HTML 5Page - Fairchild Semiconductor BF244C Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Characteristics (continued)
N-Channel RF Amplifier
(continued)
Common Drain-Source
Characteristics
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
V
- DRAIN-SOURCE VOLTAG E(V)
V
=
0
V
GS
-2.5V
DS
-0.
5V
-4.0V
-2.0V
-1.0
V
-3.5V
-3.0V
-1.5
V
T = +25 C
A
O
TYP V
= -5.0V
GS(OFF)
Output Conductance vs
Drain Current
0.01 0.02
0.05 0.1
0.2
0.5
1
2
5
10
0.1
0.5
1
5
10
20
I -- DRAIN CURRENT (mA)
D
15
10
T = +25 C
A
O
f = 1.0 kHz
15
10
5
20
15V
10V
5.0V
20V
20
V
= 5v
DG
V
= -5.5V
GS(OFF)
V
= -3.5V
GS(OFF)
V
= -1.5V
GS(OFF)
Transconductance
Parameter Interactions
12
3
5
7
10
10
20
1
2
3
5
10
20
30
50
100
V - GATE-SOURCE VOLTAGE(V)
GS
gfs, I
@ V
= 15 V, V
= 0 PULSE
GS
DS
DSS
r
@ V = 100mV, V
= 0
GS
DS
DS
V
@ V
= 15V, I = 1nA
GS(OFF)
GS
D
-
-
-
-
-
-
Noise Voltage vs Frequency
0.01
0.03
0.1
0.3
1
3
10
30
100
1
5
10
f -- FREQUENCY (kHz)
V
= 15V
DG
BW = 6.0 Hz @ f = 10 Hz, 100 Hz
= 0.2 f @ f > 1.0 kHz
I = 0.5 mA
D
I = 3 mA
D
Transconductance
Characteristics
-5
-4
-3
-2
-1
0
0
1
2
3
4
5
6
7
V - GATE-SOURCE VOLTAGE(V)
V
= -4.5V
GS(OFF)
V
= 15V
DS
T = +25 C
A
O
-2.5 V
T
= -55 C
O
A
T = +125 C
A
O
T
= -55 C
O
A
T = +25 C
A
O
T = +125 C
A
O
GS
Transconductance vs
Drain Current
0.1
0.5
1
5
10
0.01 0.02
0.05 0.1
0.2
0.5
1
2
5
10
I
- DRAIN CURRENT (mA)
D
V
= - 5V
GS(OFF)
V
= - 1.5V
GS(OFF)
T
= -55 C
O
A
T = +25 C
A
O
T = +125 C
A
O
T
= -55 C
O
A
T = +25 C
A
O
T = +125 C
A
O
V
= 15V
f = 1.0 kHz
DG


Similar Part No. - BF244C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244C FAIRCHILD-BF244C Datasheet
26Kb / 2P
   N-Channel RF Amplifier
BF244C FAIRCHILD-BF244C Datasheet
78Kb / 6P
   N-Channel RF Amplifier
logo
National Semiconductor ...
BF244C NSC-BF244C Datasheet
120Kb / 2P
   JFET PRO ELECTRON SERIES
logo
List of Unclassifed Man...
BF244C ETC1-BF244C Datasheet
213Kb / 4P
   PLASTIC-CASE JUNCTION FIELD-EFFECT TRANSISTORS
More results

Similar Description - BF244C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BF244A FAIRCHILD-BF244A Datasheet
26Kb / 2P
   N-Channel RF Amplifier
2N3819 FAIRCHILD-2N3819_02 Datasheet
33Kb / 3P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102_04 Datasheet
26Kb / 3P
   N-Channel RF Amplifier
J210 FAIRCHILD-J210 Datasheet
199Kb / 5P
   N-Channel RF Amplifier
MMBF102 FAIRCHILD-MMBF102 Datasheet
1Mb / 9P
   N-Channel RF Amplifier
J304 FAIRCHILD-J304 Datasheet
27Kb / 3P
   N-Channel RF Amplifier
J309 FAIRCHILD-J309_10 Datasheet
213Kb / 6P
   N-Channel RF Amplifier
MMBFJ305 FAIRCHILD-MMBFJ305_11 Datasheet
126Kb / 3P
   N-Channel RF Amplifier
2N5484 FAIRCHILD-2N5484_09 Datasheet
362Kb / 7P
   N-Channel RF Amplifier
BF244C FAIRCHILD-BF244C Datasheet
78Kb / 6P
   N-Channel RF Amplifier
MPF102 FAIRCHILD-MPF102 Datasheet
22Kb / 3P
   N-Channel RF Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com