Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1118-33-TN3-A-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR1118-33-TN3-A-T
Description  LOW DROP POSITIVE VOLTAGE REGULATORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1118-33-TN3-A-T Datasheet(HTML) 5 Page - Unisonic Technologies

  LR1118-33-TN3-A-T Datasheet HTML 1Page - Unisonic Technologies LR1118-33-TN3-A-T Datasheet HTML 2Page - Unisonic Technologies LR1118-33-TN3-A-T Datasheet HTML 3Page - Unisonic Technologies LR1118-33-TN3-A-T Datasheet HTML 4Page - Unisonic Technologies LR1118-33-TN3-A-T Datasheet HTML 5Page - Unisonic Technologies LR1118-33-TN3-A-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LR1118
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-029,A
ELECTRICAL CHARACTERISTICS (Cont.)
For LR1118-3.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+1.5V, IOUT=10mA,TJ=25°C
2.970
3.0
3.030
V
Output Voltage
VOUT
VIN=(VOUT+2V)~15V, IOUT=0 to 1A
2.940
3.0
3.060
V
Line Regulation
∆VOUT VIN=(VOUT+2V)~15V, IOUT=0A
0.1
0.6
%
Load Regulation
∆VOUT VIN=VOUT+2V, IOUT=0 to 1A
2
3
%
Temperature Stability
∆VOUT
0.5
%
Long Term Stability
∆VOUT 1000 hrs, TJ=125°C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
ID
VIN≤10V
5
10
mA
Output Current
IOUT
VIN=VOUT+4.5V, TJ=25°C
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz ~ 10KHz, TJ=25°C
100
µV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25°C
VIN=VOUT+2.5V, VRIPPLE=1Vpp
60
75
dB
Dropout Voltage
VD
IOUT= 100mA
IOUT= 1A
0.11
0.45
0.26
0.65
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W
For LR1118-3.3V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+1.5V, IOUT=10mA,TJ=25°C
3.267
3.3
3.333
V
Output Voltage
VOUT
VIN=(VOUT+2V)~15V, IOUT=0 to 1A
3.234
3.3
3.366
V
Line Regulation
∆VOUT VIN=(VOUT+2V)~15V, IOUT=0A
0.1
0.6
%
Load Regulation
∆VOUT VIN=VOUT+2V, IOUT=0 to 1A
2
3
%
Temperature Stability
∆VOUT
0.5
%
Long Term Stability
∆VOUT 1000 hrs, TJ=125°C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
ID
VIN≤10V
5
10
mA
Output Current
IOUT
VIN=VOUT+4.5V, TJ=25°C
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz ~ 10KHz, TJ=25°C
100
µV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25°C
VIN=VOUT+2.5V, VRIPPLE=1Vpp
60
75
dB
Dropout Voltage
VD
IOUT= 100mA
IOUT= 1A
0.11
0.45
0.26
0.65
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W
For LR1118-5.0V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+1.5V, IOUT=10mA,TJ=25°C
4.95
5.0
5.05
V
Output Voltage
VOUT
VIN=(VOUT+2V)~15V, IOUT=0 to 1A
4.90
5.0
5.10
V
Line Regulation
∆VOUT VIN=(VOUT+2V)~15V, IOUT=0A
0.1
0.6
%
Load Regulation
∆VOUT VIN=VOUT+2V, IOUT=0 to 1A
2
3
%
Temperature Stability
∆VOUT
0.5
%
Long Term Stability
∆VOUT 1000 hrs, TJ=125°C
0.3
%
Operating Input Voltage
VIN
IOUT=100mA
15
V
Quiescent Current
ID
VIN≤10V
5
10
mA
Output Current
IOUT
VIN=VOUT+4.5V, TJ=25°C
800
950
1200
mA
Output Noise Voltage
eN
B=10Hz ~ 10KHz, TJ=25°C
100
µV
Supply Voltage Rejection
SVR
IOUT=40mA, f=120Hz, TJ=25°C
VIN=VOUT+2.5V, VRIPPLE=1Vpp
60
75
dB
Dropout Voltage
VD
IOUT= 100mA
IOUT= 1A
0.11
0.45
0.26
0.62
V
V
Thermal Regulation
Ta=25
°C, 30ms Pulse
0.01
0.10
%/W


Similar Part No. - LR1118-33-TN3-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1118 UTC-LR1118 Datasheet
236Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1118 ETL-LR1118 Datasheet
260Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1118 UTC-LR1118 Datasheet
257Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATOR
LR1118G-XX-AA3-A-R UTC-LR1118G-XX-AA3-A-R Datasheet
236Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1118G-XX-AA3-A-T UTC-LR1118G-XX-AA3-A-T Datasheet
236Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
More results

Similar Description - LR1118-33-TN3-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1116 UTC-LR1116_15 Datasheet
236Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1118 UTC-LR1118_12 Datasheet
236Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1116_B ETL-LR1116_B Datasheet
241Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
Unisonic Technologies
LR1116 UTC-LR1116_12 Datasheet
285Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116 UTC-LR1116_10 Datasheet
226Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
LR1116B UTC-LR1116B Datasheet
271Kb / 9P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
LR1118 ETL-LR1118 Datasheet
260Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
LD1117AXX STMICROELECTRONICS-LD1117AXX Datasheet
869Kb / 29P
   Low drop fixed and adjustable positive voltage regulators
logo
Unisonic Technologies
LD1117A UTC-LD1117A Datasheet
452Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LD1117 UTC-LD1117_12 Datasheet
385Kb / 15P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com