Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2688 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SC2688
Description  NPN SILICON TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2688 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SC2688 Datasheet HTML 1Page - Unisonic Technologies 2SC2688 Datasheet HTML 2Page - Unisonic Technologies 2SC2688 Datasheet HTML 3Page - Unisonic Technologies 2SC2688 Datasheet HTML 4Page - Unisonic Technologies 2SC2688 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SC2688
NPN EPITAXIAL SILICON TRANSISTOR
www.unisonic.com.tw
1 of 5
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R204-023,A
NPN SILICON TRANSISTOR
DESCRIPTION
The UTC 2SC2688 is designed for use in Color TV chroma
output circuits.
FEATURES
* High Electrostatic-Discharge-Resistance.
ESDR: 1000V TYP. (E-B reverse bias, C=2300pF)
* Low Cre, High fT
Cre ≤3.0 pF (VCB=30V)
fT ≥50MHz (VCE=30V, IE=-10mA)
TO-126
1
*Pb-free plating product number: 2SC2688L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
2SC2688-x-T60-A-K
2SC2688L-x-T60-A-K
TO-126
E
C
B
Bulk
2SC2688L-x-T60-A-K
(1)Packing Type
(3)Package Type
(4)Rank
(5)Lead Plating
(2)Pin Assignment
(1) K: Bulk
(2) refer to Pin Assignment
(3) T60: TO-126
(4) x: refer to Classification of hFE
(5) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 2SC2688

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2688 NEC-2SC2688 Datasheet
140Kb / 3P
   NPN Silicon Transistor
logo
Savantic, Inc.
2SC2688 SAVANTIC-2SC2688 Datasheet
104Kb / 3P
   Silicon NPN Power Transistors
logo
Unisonic Technologies
2SC2688 UTC-2SC2688 Datasheet
262Kb / 5P
   NPN SILICON TRANSISTOR
logo
Savantic, Inc.
2SC2688 SAVANTIC-2SC2688 Datasheet
105Kb / 3P
   Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SC2688 FOSHAN-2SC2688 Datasheet
766Kb / 6P
   Silicon NPN transistor in a TO-126F Plastic Package.
More results

Similar Description - 2SC2688

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com