Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2881 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC2881
Description  VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2881 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC2881 Datasheet HTML 1Page - Unisonic Technologies 2SC2881 Datasheet HTML 2Page - Unisonic Technologies 2SC2881 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SC2881 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R208-032,A
TYPICAL PERFORMANCE CHARACTERISTICS
100
10
Collector current, Ic (mA)
30
0.05
0.3
0.1
3
300
1
VCE(sat) - Ic
Common emitter
Ic/IB=10
0.5
0.03
1000
RL=8次
Ta=100℃
25
-25
0.6
0.2
Base-emitter voltage VBE (V)
0.4
0.4
0.8
0.6
0
0.8
1.0
Ic - VBE
0
0.2
1.0
1.2
Common emitter
VCE=5V
RL=8次
Ta=100℃ 25
-25
12
4
Collector-emitter voltage VCE (V)
8
200
600
400
0
16
800
RL=8次
IB=1mA
0
Common
emitter
Ta=25℃
Ic - VCE
2
3
5
10
20
50
0
100
10
Collector current Ic (mA)
30
50
300
100
3
300
1000
hFE - Ic
10
Common emitter
VCE=5V
500
30
1000
RL=8次
Ta=100℃
25
-25
10
1
Collector-emitter voltage, VCE (V)
3
30
1000
500
0.3
30
3000
1
10
100
300
Safe Operating Area
300
100
50
5
3
*:Single nonrepetitive pulse
Ta=25℃
Curves must be derated
linearly with increase in
temperature
Tested without a substrate
Ic max (pulse)*
Ic max (continuous)
100ms*
10ms*
1ms*
DC operation
Ta=25℃
60
20
Ambient temperature, Ta (℃)
40
0.6
1.0
0.8
0
80
1.2
Pc - Ta
0
0.4
100 120
(1) Mounted on ceramic substrate
( 250mm × 0.8t )
(2) No heat sink
2
0.2
140 160
(1)
(2)


Similar Part No. - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881 Datasheet
159Kb / 2P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
DONGGUAN YOU FENG WEI E...
2SC2881 YFWDIODE-2SC2881 Datasheet
521Kb / 3P
   NPN Transistors
logo
Guangdong Kexin Industr...
2SC2881 KEXIN-2SC2881 Datasheet
357Kb / 2P
   Voltage Amplifier Applications
logo
SHIKUES Electronics
2SC2881 SKTECHNOLGY-2SC2881 Datasheet
381Kb / 2P
   Voltage Amplifier Applications
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
More results

Similar Description - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA817A TOSHIBA-2SA817A_07 Datasheet
122Kb / 4P
   Driver-Stage Amplifier Applications Voltage Amplifier Applications
logo
Guangdong Kexin Industr...
2SA1201 KEXIN-2SA1201 Datasheet
366Kb / 2P
   Voltage Amplifier Applications
logo
SHIKUES Electronics
2SC2881 SKTECHNOLGY-2SC2881 Datasheet
381Kb / 2P
   Voltage Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com