Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F240PC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74F240PC
Description  Octal Buffers/Line Drivers with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F240PC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F240PC Datasheet HTML 1Page - Fairchild Semiconductor 74F240PC Datasheet HTML 2Page - Fairchild Semiconductor 74F240PC Datasheet HTML 3Page - Fairchild Semiconductor 74F240PC Datasheet HTML 4Page - Fairchild Semiconductor 74F240PC Datasheet HTML 5Page - Fairchild Semiconductor 74F240PC Datasheet HTML 6Page - Fairchild Semiconductor 74F240PC Datasheet HTML 7Page - Fairchild Semiconductor 74F240PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2004 Fairchild Semiconductor Corporation
DS009501
www.fairchildsemi.com
April 1988
Revised January 2004
74F240 • 74F241 • 74F244
Octal Buffers/Line Drivers with 3-STATE Outputs
General Description
The 74F240, 74F241 and 74F244 are octal buffers and line
drivers designed to be employed as memory and address
drivers, clock drivers and bus-oriented transmitters/receiv-
ers which provide improved PC and board density.
Features
s 3-STATE outputs drive bus lines or buffer memory
address registers
s Outputs sink 64 mA (48 mA mil)
s 12 mA source current
s Input clamp diodes limit high-speed termination effects
Ordering Code:
Note 1: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
74F240
74F241
74F244
Order Code
Package
Package Description
Number
74F240SC (Note 1)
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74F240SJ (Note 1)
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F240PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74F241SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74F241PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74F244SC (Note 1)
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74F244SJ (Note 1)
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F244MSA (Note 1)
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74F244PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - 74F240PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F240PC NSC-74F240PC Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F240PC FAIRCHILD-74F240PC Datasheet
66Kb / 7P
   Octal Buffers/Line Drivers with 3-STATE Outputs
74F240PC FAIRCHILD-74F240PC Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
More results

Similar Description - 74F240PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com