Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGMC40U Datasheet(PDF) 8 Page - International Rectifier

Part # IRGMC40U
Description  INSULATED GATE BIPOLAR TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGMC40U Datasheet(HTML) 8 Page - International Rectifier

  IRGMC40U Datasheet HTML 1Page - International Rectifier IRGMC40U Datasheet HTML 2Page - International Rectifier IRGMC40U Datasheet HTML 3Page - International Rectifier IRGMC40U Datasheet HTML 4Page - International Rectifier IRGMC40U Datasheet HTML 5Page - International Rectifier IRGMC40U Datasheet HTML 6Page - International Rectifier IRGMC40U Datasheet HTML 7Page - International Rectifier IRGMC40U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
www.irf.com
IRGMC40U
Case Outline and Dimensions — TO-254AA
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 02/02
Notes:
Q Repetitive rating; V
GE = 20V, pulse width limited by
max. junction temperature.
R V
CC = 80%(VCES), VGE = 20V, L = 10µH, RG = 10Ω
S Pulse width ≤ 80µs; duty factor ≤ 0.1%.
T Pulse width 5.0µs, single shot.
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
B A
3X
B
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
123
17.40 [.685]
16.89 [.665]
3.81 [.150]
0.84 [.033]
MAX.
C
6.60 [.260]
6.32 [.249]
1.27 [.050]
1.02 [.040]
0.12 [.005]
13.84 [.545]
13.59 [.535]
13.84 [.545]
13.59 [.535]
3.81 [.150]
2X
22.73 [.895]
21.21 [.835]
17.40 [.685]
16.89 [.665]
A
1.14 [.045]
0.89 [.035]
0.36 [.014]
B
A
3X
4.06 [.160]
3.56 [.140]
B
R 1.52 [.060]
123
4.82 [.190]
3.81 [.150]
20.32 [.800]
20.07 [.790]
3.78 [.149]
3.53 [.139]
NOT E S :
1. DIMENS IONING & T OL ERANCING PER AS ME Y14.5M-1994.
2. AL L DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ].
3. CONT ROL LING DIMENS ION: INCH.
4. CONF ORMS TO JEDEC OUTLINE TO-254AA.
CAUTION
BERYLLIA WARNING PER MIL-PRF-19500
Packages containing beryllia shall not be ground, sandblasted, machined or have other operations performed on them
which will produce beryllia or beryllium dust. Furthermore, beryllium oxide packages shall not be placed in acids that
will produce fumes containing beryllium.
LEGEND
1 = COLLECTOR
2 = EMITTER
3 = GATE


Similar Part No. - IRGMC40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGMC30F IRF-IRGMC30F Datasheet
544Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGMC30U IRF-IRGMC30U Datasheet
546Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGMC50F IRF-IRGMC50F Datasheet
552Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT
More results

Similar Description - IRGMC40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BH20K-L IRF-IRG4BH20K-L Datasheet
167Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRGP20B120U-E IRF-IRGP20B120U-E Datasheet
106Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR
logo
Motorola, Inc
MGP14N60E MOTOROLA-MGP14N60E Datasheet
125Kb / 6P
   Insulated Gate Bipolar Transistor
MGW30N60 MOTOROLA-MGW30N60 Datasheet
214Kb / 6P
   Insulated Gate Bipolar Transistor
logo
ON Semiconductor
MGP20N60U ONSEMI-MGP20N60U Datasheet
120Kb / 5P
   Insulated Gate Bipolar Transistor
1998 REV 1
MGS13002D ONSEMI-MGS13002D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
1998 REV 2
MGW21N60ED ONSEMI-MGW21N60ED Datasheet
152Kb / 6P
   Insulated Gate Bipolar Transistor
MMG05N60D ONSEMI-MMG05N60D Datasheet
138Kb / 6P
   Insulated Gate Bipolar Transistor
REV 2
logo
International Rectifier
IRG4PSC71UPBF IRF-IRG4PSC71UPBF_15 Datasheet
294Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30KPBF IRF-IRG4PC30KPBF_15 Datasheet
261Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
IRG4PC30SPBF IRF-IRG4PC30SPBF_15 Datasheet
250Kb / 9P
   INSULATED GATE BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com