Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HCU04ME4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HCU04ME4
Description  High-Speed CMOS Logic Hex Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCU04ME4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCU04ME4 Datasheet HTML 1Page - Texas Instruments CD74HCU04ME4 Datasheet HTML 2Page - Texas Instruments CD74HCU04ME4 Datasheet HTML 3Page - Texas Instruments CD74HCU04ME4 Datasheet HTML 4Page - Texas Instruments CD74HCU04ME4 Datasheet HTML 5Page - Texas Instruments CD74HCU04ME4 Datasheet HTML 6Page - Texas Instruments CD74HCU04ME4 Datasheet HTML 7Page - Texas Instruments CD74HCU04ME4 Datasheet HTML 8Page - Texas Instruments CD74HCU04ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS127D
Features
• Typical Propagation Delay: 6ns at VCC = 5V,
CL = 15pF, TA = 25
oC, Fastest Part in QMOS Line
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HCU Types
- 2-V to 6-V Operation
- High Noise Immunity: NIL = 20%, NIH = 30% of
VCC at VCC = 5V
• CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The CD74HCU04 unbuffered hex inverter utilizes silicon-gate
CMOS technology to achieve operation speeds similar to
LSTTL gates, with the low power consumption of standard
CMOS integrated circuits. These devices especially are useful
in crystal oscillator and analog applications.
Pinout
CD74HCU04
(PDIP, SOIC, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD74HCU04E
-55 to 125
14 Ld PDIP
CD74HCU04M
-55 to 125
14 Ld SOIC
CD74HCU04MT
-55 to 125
14 Ld SOIC
CD74HCU04M96
-55 to 125
14 Ld SOIC
CD74HCU04PWR
-55 to 125
14 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffixes
96 and R denote tape and reel. The suffix T denotes a small-
quantity reel of 250.
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
February 1998 - Revised May 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD74HCU04
High-Speed CMOS Logic
Hex Inverter
[ /Title
(CD74
HCU04
)
/Sub-
ject
(High
Speed
CMOS
Logic
Hex
Inverter


Similar Part No. - CD74HCU04ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCU04M TI-CD74HCU04M Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04M TI-CD74HCU04M Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M TI1-CD74HCU04M Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M96 TI-CD74HCU04M96 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M96 TI1-CD74HCU04M96 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
More results

Similar Description - CD74HCU04ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC04 TI-CD54HC04 Datasheet
30Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD54HC04F3A TI-CD54HC04F3A Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX INVERTER
CD74HCU04 TI1-CD74HCU04_15 Datasheet
620Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com