Electronic Components Datasheet Search |
|
SN65C3243DW Datasheet(PDF) 9 Page - Texas Instruments |
|
|
SN65C3243DW Datasheet(HTML) 9 Page - Texas Instruments |
9 / 17 page SN65C3243, SN75C3243 3V TO 5.5V MULTICHANNEL RS232 COMPATIBLE LINE DRIVER/RECEIVER SLLS353G − JUNE 1999 − REVISED NOVEMBER 2004 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION TEST CIRCUIT VOLTAGE WAVEFORMS 50 Ω Generator (see Note B) ±3 V Output VOL VOH tPZH (S1 at GND) 3 V 0 V 0.3 V Output Input 0.3 V 3 V or 0 V FORCEON FORCEOFF NOTES: A. CL includes probe and jig capacitance. B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns. C. tPLZ and tPHZ are the same as tdis. D. tPZL and tPZH are the same as ten. 1.5 V 1.5 V 50% tPHZ (S1 at GND) tPLZ (S1 at VCC) 50% tPZL (S1 at VCC) RL S1 VCC GND CL (see Note A) Output Figure 4. Receiver Enable and Disable Times |
Similar Part No. - SN65C3243DW |
|
Similar Description - SN65C3243DW |