Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F206 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320F206
Description  DIGITAL SIGNAL PROCESSOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F206 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F206 Datasheet HTML 3Page - Texas Instruments TMS320F206 Datasheet HTML 4Page - Texas Instruments TMS320F206 Datasheet HTML 5Page - Texas Instruments TMS320F206 Datasheet HTML 6Page - Texas Instruments TMS320F206 Datasheet HTML 7Page - Texas Instruments TMS320F206 Datasheet HTML 8Page - Texas Instruments TMS320F206 Datasheet HTML 9Page - Texas Instruments TMS320F206 Datasheet HTML 10Page - Texas Instruments TMS320F206 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
TMS320F206
DIGITAL SIGNAL PROCESSOR
SPRS050A – NOVEMBER 1996 – REVISED APRIL 1998
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
functional block diagram of the ’F206 internal hardware
TCR
Timer
32
16
Data Bus
16
16
OSCALE (0–7)
D15–D0
A15–A0
16
16
16
32
32
ACCL(16)
ACCH(16)
C
32
CALU(32)
32
32
MUX
ISCALE (0–16)
16
MUX
PREG(32)
Multiplier
TREG0(16)
MUX
16
16
16
MUX
B1 (256
× 16)
B2 (32
× 16)
DARAM
B0 (256
× 16)
DARAM
MUX
7
LSB
from
IR
MUX
DP(9)
9
9
MUX
16
SARAM
16
ARAU(16)
16
MUX
3
3
3
3
ARB(3)
ARP(3)
Program Bus
16
16
16
16
AR7(16)
AR6(16)
AR5(16)
AR3(16)
AR2(16)
AR1(16)
AR0(16)
Stack 8
× 16
PC
MUX
NMI
WE
RD
16
CLKIN/X2
CLKOUT1
X1
3
INT[1–3]
MP/MC
RS
HOLDA
HOLD
XF
BR
READY
STRB
R/W
PS
DS
IS
DIV2
DIV1
AR4(16)
16
Data/Prog
Data/Prog
16
PSCALE (–6, 0, 1, 4)
16
Data
32
16
16
16
16
16
FLASH EEPROM
(32K
× 16)
MUX
MUX
NPAR
PAR
MSTACK
Program Control
(PCTRL)
PRD
TIM
ADTR
ASP
SSPCR
SSP
SDTR
4
TOUT
TX
RX
I/O[0–3]
DX
CLKX
FSX
DR
FSR
CLKR
BRD
IOSR
Reserved
Memory Map
Register
IMR (16)
IFR (16)
GREG (16)
16
I/O-Mapped Registers
(4K
× 16)
NOTES: A. Symbol descriptions appear in Table 3.
B. For clarity the data and program buses are shown as single buses although they include address and data bits.


Similar Part No. - TMS320F206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F206 TI-TMS320F206 Datasheet
793Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206PZ TI-TMS320F206PZ Datasheet
793Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206PZ TI-TMS320F206PZ Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206PZA TI-TMS320F206PZA Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320F206

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com