Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75C188NE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75C188NE4
Description  QUADRUPLE LOW-POWER LINE DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75C188NE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75C188NE4 Datasheet HTML 2Page - Texas Instruments SN75C188NE4 Datasheet HTML 3Page - Texas Instruments SN75C188NE4 Datasheet HTML 4Page - Texas Instruments SN75C188NE4 Datasheet HTML 5Page - Texas Instruments SN75C188NE4 Datasheet HTML 6Page - Texas Instruments SN75C188NE4 Datasheet HTML 7Page - Texas Instruments SN75C188NE4 Datasheet HTML 8Page - Texas Instruments SN75C188NE4 Datasheet HTML 9Page - Texas Instruments SN75C188NE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN75C188
QUADRUPLE LOW-POWER LINE DRIVERS
SLLS033F – JANUARY 1988 – REVISED MARCH 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
0
VI – Input Voltage – V
15
2
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
–9
–6
–3
0
3
6
9
12
VOLTAGE TRANSFER CHARACTERISTICS
VCC
± = ±5 V
VCC
± = ±12 V
VCC
± = ±5 V
VCC
± = ±15 V
VCC
± = ±12 V
VCC
± = ±9 V
VCC
± = ±5 V
VCC
± = ±9 V
RL = 3 kΩ
TA = 25°C
–12
–15
Figure 3
–16
VO – Output Voltage – V
20
16
–20
–12
– 8
– 4
0
4
8
12
–16
–12
–8
–4
0
4
8
12
16
VCC
± = ± 12 V
TA = 25°C
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
3-k
Ω Load Line
VOL = (VI = 2 V)
VOH (VI = 0.8 V)
Figure 4
15
–15
–10
0
5
10
100
80
60
40
20
0
120
TA – Free-Air Temperature – °C
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
–5
VCC
± = ± 12 V
IOS(L)
VI = 2 V
VO = 0 or VCC +
IOS(H)
VI = 0.8 V
VO = 0 or VCC –
Figure 5
VOL (VCC
± = ±12 V, VI = 2 V)
VOL( VCC
± = ±5 V, VI = 2 V)
TA – Free-Air Temperature – °C
12
120
–12
0
20
40
60
80
100
–8
–4
0
4
8
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
RL = 3 kΩ
VOH (VCC
± = ±12 V, VI = 0.8 V)
VOH (VCC
± = ±5 V, VI = 0.8 V)


Similar Part No. - SN75C188NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C188N TI-SN75C188N Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results

Similar Description - SN75C188NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C198 TI-SN75C198 Datasheet
207Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C188 TI-SN75C188 Datasheet
166Kb / 10P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN75C198DR TI1-SN75C198DR Datasheet
694Kb / 18P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
SN65LBC174 TI-SN65LBC174 Datasheet
168Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN65LBC174 TI1-SN65LBC174_16 Datasheet
1Mb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVERS
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com