Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9840-55 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK9840-55
Description  TrenchMOS transistor Logic level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9840-55 Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK9840-55 Datasheet HTML 1Page - NXP Semiconductors BUK9840-55 Datasheet HTML 2Page - NXP Semiconductors BUK9840-55 Datasheet HTML 3Page - NXP Semiconductors BUK9840-55 Datasheet HTML 4Page - NXP Semiconductors BUK9840-55 Datasheet HTML 5Page - NXP Semiconductors BUK9840-55 Datasheet HTML 6Page - NXP Semiconductors BUK9840-55 Datasheet HTML 7Page - NXP Semiconductors BUK9840-55 Datasheet HTML 8Page - NXP Semiconductors BUK9840-55 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK9840-55
Logic level FET
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-sp
From junction to solder point
Mounted on any PCB
12
15
K/W
R
th j-amb
From junction to ambient
Mounted on PCB of Fig.18
-
70
K/W
STATIC CHARACTERISTICS
T
j= 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
55
-
-
V
voltage
T
j = -55˚C
50
-
-
V
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
1.0
1.5
2.0
V
T
j = 150˚C
0.6
-
-
V
T
j = -55˚C
-
-
2.3
V
I
DSS
Zero gate voltage drain current
V
DS = 55 V; VGS = 0 V;
-
0.05
10
µA
T
j = 150˚C
-
-
100
µA
I
GSS
Gate source leakage current
V
GS = ±5 V
-
0.02
1
µA
T
j = 150˚C
-
-
5
µA
±V
(BR)GSS
Gate source breakdown voltage I
G = ±1 mA
10
-
-
V
R
DS(ON)
Drain-source on-state
V
GS = 5 V; ID = 5 A
-
30
40
m
resistance
T
j = 150˚C
-
-
74
m
DYNAMIC CHARACTERISTICS
T
mb = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fs
Forward transconductance
V
DS = 25 V; ID = 5 A; Tj = 25˚C
11
19
-
S
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
1050
1400
pF
C
oss
Output capacitance
-
205
245
pF
C
rss
Feedback capacitance
-
110
150
pF
t
d on
Turn-on delay time
V
DD = 30 V; ID = 9 A;
-
17
25
ns
t
r
Turn-on rise time
V
GS = 5 V; RG = 10 Ω;
-
65
100
ns
t
d off
Turn-off delay time
-
70
105
ns
t
f
Turn-off fall time
T
j = 25˚C
-
70
105
ns
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
j = -55 to 175˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
T
sp = 25˚C
-
-
10.7
A
current
I
DRM
Pulsed reverse drain current
T
sp = 25˚C
-
-
40
A
V
SD
Diode forward voltage
I
F = 5 A; VGS = 0 V
-
0.85
1.1
V
t
rr
Reverse recovery time
I
F = 5 A; -dIF/dt = 100 A/µs;
-
45
-
ns
Q
rr
Reverse recovery charge
V
GS = -10 V; VR = 30 V
-
.3
-
µC
January 1998
2
Rev 1.000


Similar Part No. - BUK9840-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9840-55 PHILIPS-BUK9840-55 Datasheet
70Kb / 9P
   TrenchMOS transistor Logic level FET
January 1998 Rev 1.000
logo
VBsemi Electronics Co.,...
BUK9840-55 VBSEMI-BUK9840-55 Datasheet
1,010Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
Nexperia B.V. All right...
BUK9840-55 NEXPERIA-BUK9840-55 Datasheet
311Kb / 12P
   N-channel TrenchMOS logic level FET
16 March 2016
BUK9840-55CU NEXPERIA-BUK9840-55CU Datasheet
311Kb / 12P
   N-channel TrenchMOS logic level FET
16 March 2016
More results

Similar Description - BUK9840-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com