Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6133ER1 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6133ER1
Description  Synchronous Buck Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6133ER1 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6133ER1 Datasheet HTML 2Page - Sipex Corporation SP6133ER1 Datasheet HTML 3Page - Sipex Corporation SP6133ER1 Datasheet HTML 4Page - Sipex Corporation SP6133ER1 Datasheet HTML 5Page - Sipex Corporation SP6133ER1 Datasheet HTML 6Page - Sipex Corporation SP6133ER1 Datasheet HTML 7Page - Sipex Corporation SP6133ER1 Datasheet HTML 8Page - Sipex Corporation SP6133ER1 Datasheet HTML 9Page - Sipex Corporation SP6133ER1 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Oct 24-06 Rev L
SP633 Synchronous Buck Controller
© 2006 Sipex Corporation
THEORY OF OPERATION
The SP6133 contains two unique control
features that are very powerful in distributed
applications. First, non-synchronous driver
control is enabled during start up to prohibit
the low side NFETfrom pulling down the out-
put until the high side NFEThas attempted to
turn on. Second, a 00% duty cycle timeout
ensuresthatthelowsideNFETisperiodically
enhanced during extended periods at 00%
dutycycle.Thisguaranteesthesynchronized
refreshing of the BST capacitor during very
large duty ratios.
The SP633 also contains a number of valu-
able protection features. A programmable
input UVLO allows a user to set the exact
value at which the conversion voltage is at a
safe point to begin down conversion, and an
internalVCCUVLOensuresthatthecontroller
itselfhasenoughvoltagetoproperlyoperate.
Other protection features include thermal
shutdown and short-circuit detection. In the
event that either a
thermal, short-circuit, or UVLO fault is de-
tected,theSP633isforcedintoanidlestate
where the output drivers are held off for a
finiteperiodbeforeare-startisattempted.
Soft Start
“Soft Start” is achieved when a power con-
verter ramps up the output voltage while
controlling the magnitude of the input sup-
ply source current. In a modern step down
converter,rampingupthenon-invertinginput
oftheerroramplifiercontrolssoftstart.Asa
result,excesssourcecurrentcanbedefined
asthecurrentrequiredtochargetheoutput
capacitor
IVIN, x =
Cout •∆Vout
TSoft-start
The SP633 provides the user with the op-
tion to program the soft start rate by tying
a capacitor from the SS pin to GND. The
selection of this capacitor is based on the
0µA pull up current present at the SS pin
and the 0.8V reference voltage. Therefore,
theexcesscurrentsourcecanberedefinedas:
IVIN, x = COUT • ∆VOUT
0µA
(CSS •0.8V)
Hiccup
Upon the detection of a power, thermal, or
short-circuit fault, the SP633 is forced into
an idle state for a minimum of 200ms. The
SS and COMP pins are immediately pulled
low, and the gate drivers are held off for the
duration of the timeout period. Power and
thermal faults have to be removed before a
restart may be attempted, whereas, a short-
circuit fault is internally cleared shortly after
the fault latch is set. Therefore, a restart at-
temptisguaranteedevery200ms(typical)as
long as the short-circuit condition persists.
A short-circuit detection comparator has
also been included in the SP633 to protect
against the accidental short or severe build
up of current at the output of the power con-
verter. This comparator constantly monitors
theinputstotheerroramplifier,andifthe
VFB pin ever falls more than 250mV (typical)
below the voltage reference, a short-circuit
fault is set. Because the SS pin overrides the
internal 0.8V reference during soft start, the
SP633 is capable of detecting short-circuit
faults throughout the duration of soft start as
well as in regular operation.
Error Amplifier & Voltage Loop
As stated before, the heart of the SP633
voltage error loop is a high performance,
widebandwidthtransconductanceamplifier.
Because of the amplifier’s current limited
(+00µA)transconductance,therearemany
ways to compensate the voltage loop or to
control the COMP pin externally. If a simple,
singlepole,singlezeroresponseisrequired,
then compensation can be as simple as
an RC circuit to ground. If a more complex
compensationisrequired,thentheamplifier
hasenoughbandwidth(45°Cat4MHz)
and enough gain (60 dB) to run Type III


Similar Part No. - SP6133ER1

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6133ER1 SIPEX-SP6133ER1 Datasheet
507Kb / 10P
   Evaluation Board Manual
More results

Similar Description - SP6133ER1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
logo
Semtech Corporation
SC412A SEMTECH-SC412A_1 Datasheet
588Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6138 SIPEX-SP6138 Datasheet
961Kb / 17P
   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4894 MICRO-LINEAR-ML4894 Datasheet
270Kb / 10P
   Synchronous Buck Controller
logo
Exar Corporation
SP6136 EXAR-SP6136 Datasheet
846Kb / 18P
   Synchronous Buck Controller
logo
Texas Instruments
LM1770 TI1-LM1770 Datasheet
868Kb / 24P
[Old version datasheet]   Synchronous Buck Controller
logo
Micro Linear Corporatio...
ML4895 MICRO-LINEAR-ML4895 Datasheet
275Kb / 10P
   Synchronous Buck Controller
logo
Semtech Corporation
SC412A SEMTECH-SC412A Datasheet
784Kb / 22P
   Synchronous Buck Controller
logo
Sipex Corporation
SP6136 SIPEX-SP6136 Datasheet
826Kb / 18P
   Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com