Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24061DRCT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24061DRCT
Description  1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24061DRCT Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ24061DRCT Datasheet HTML 5Page - Texas Instruments BQ24061DRCT Datasheet HTML 6Page - Texas Instruments BQ24061DRCT Datasheet HTML 7Page - Texas Instruments BQ24061DRCT Datasheet HTML 8Page - Texas Instruments BQ24061DRCT Datasheet HTML 9Page - Texas Instruments BQ24061DRCT Datasheet HTML 10Page - Texas Instruments BQ24061DRCT Datasheet HTML 11Page - Texas Instruments BQ24061DRCT Datasheet HTML 12Page - Texas Instruments BQ24061DRCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
www.ti.com
FUNCTIONAL DESCRIPTION
BatteryVoltage,
V(BAT)
Charge
Complete
Status,
Charger
Off
VoltageRegulationand
ChargeTermination
Phase
PRE-CHARGE
CURRENT AND
TERMINATION
THRESHOLD
BatteryCurrent,
I(BAT)
DONE
DONE
T(CHG)
VO(REG)
FAST-CHARGE
CURRENT
I
I
O(PRECHG), (TERM)
IO(OUT)
Current
Regulation
Phase
Pre-
Conditioning
Phase
v(LOWV)
T(PRECHG)
bq2406x
SLUS689A – JUNE 2006 – REVISED OCTOBER 2006
The charge current is programmable using external components (RISET resistor). The charge process starts
when an external input power is connected to the system, the charger is enabled by CE = LO and the battery
voltage is below the recharge threshold, V(BAT) < V(RCH). When the charge cycle starts a safety timer is
activated, if the safety timer function is enabled. The safety timer timeout value is set by an external resistor
connected to TMR pin.
When the charger is enabled two control loops modulate the battery switch drain to source impedance to limit
the BAT pin current to the programmed charge current value (charge current loop) or to regulate the BAT pin
voltage to the programmed charge voltage value (charge voltage loop). If V(BAT) < V(LOWV) (3 V typical) the
BAT pin current is internally set to 10% of the programmed charge current value.
A typical charge profile is shown below, for an operation condition that does not cause the IC junction
temperature to exceed TJ(REG), (112°C typical).
Figure 13. Charging Profile With TJ(REG)
If the operating conditions cause the IC junction temperature to exceed TJ(REG), the charge cycle is modified,
with the activation of the integrated thermal control loop. The thermal control loop is activated when an internal
voltage reference, which is inversely proportional to the IC junction temperature, is lower than a fixed,
temperature stable internal voltage. The thermal loop overrides the other charger control loops and reduces the
charge current until the IC junction temperature returns to TJ(REG), effectively regulating the IC junction
temperature.
9
Submit Documentation Feedback


Similar Part No. - BQ24061DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
More results

Similar Description - BQ24061DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
   1A Single-chip Li-ion and Li-POL Charge with OVP
logo
Texas Instruments
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com