Electronic Components Datasheet Search |
|
SN74ABT640PW Datasheet(PDF) 1 Page - Texas Instruments |
|
|
SN74ABT640PW Datasheet(HTML) 1 Page - Texas Instruments |
1 / 8 page SN54ABT640, SN74ABT640 OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS104C – FEBRUARY 1991 – REVISED JANUARY 1997 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design Significantly Reduces Power Dissipation D ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015; Exceeds 200 V Using Machine Model (C = 200 pF, R = 0) D Latch-Up Performance Exceeds 500 mA Per JEDEC Standard JESD-17 D Typical VOLP (Output Ground Bounce) < 1 V at VCC = 5 V, TA = 25°C D High-Drive Outputs (–32-mA IOH, 64-mA IOL) D Package Options Include Plastic Small-Outline (DW), Shrink Small-Outline (DB), and Thin Shrink Small-Outline (PW) Packages, Ceramic Chip Carriers (FK), and Plastic (N) and Ceramic (J) DIPs description The ’ABT640 bus transceivers are designed for asynchronous communication between data buses. These devices transmit inverted data from the A bus to the B bus or from the B bus to the A bus, depending on the level at the direction- control (DIR) input. The output-enable (OE) input can be used to disable the device so that the buses are effectively isolated. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. The SN54ABT640 is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74ABT640 is characterized for operation from –40 °C to 85°C. FUNCTION TABLE INPUTS OPERATION OE DIR OPERATION L L B data to A bus L HA data to B bus H X Isolation Copyright © 1997, Texas Instruments Incorporated UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. EPIC- ΙΙB is a trademark of Texas Instruments Incorporated. 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 DIR A1 A2 A3 A4 A5 A6 A7 A8 GND VCC OE B1 B2 B3 B4 B5 B6 B7 B8 SN54ABT640 ...J PACKAGE SN74ABT640 . . . DB, DW, N, OR PW PACKAGE (TOP VIEW) 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 B1 B2 B3 B4 B5 A3 A4 A5 A6 A7 SN54ABT640 . . . FK PACKAGE (TOP VIEW) |
Similar Part No. - SN74ABT640PW |
|
Similar Description - SN74ABT640PW |