Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EP16VCD Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100EP16VCD
Description  3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP16VCD Datasheet(HTML) 5 Page - ON Semiconductor

  MC100EP16VCD Datasheet HTML 1Page - ON Semiconductor MC100EP16VCD Datasheet HTML 2Page - ON Semiconductor MC100EP16VCD Datasheet HTML 3Page - ON Semiconductor MC100EP16VCD Datasheet HTML 4Page - ON Semiconductor MC100EP16VCD Datasheet HTML 5Page - ON Semiconductor MC100EP16VCD Datasheet HTML 6Page - ON Semiconductor MC100EP16VCD Datasheet HTML 7Page - ON Semiconductor MC100EP16VCD Datasheet HTML 8Page - ON Semiconductor MC100EP16VCD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MC100EP16VC
http://onsemi.com
5
Table 7. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 11)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Frequency (Figure 2)
> 3
> 3
> 3
GHz
tPLH,
tPHL
Propagation Delay
(Differential) Q
(Differential) QHG, QHG
(Single−Ended) Q
(Single−Ended) QHG, QHG
200
250
250
300
280
360
330
410
350
450
400
500
250
300
300
350
310
380
360
430
400
500
450
550
275
325
325
375
340
430
390
480
425
525
475
575
ps
tS
Setup Time
EN = L to D
EN =H to D
50
100
15
60
50
100
5
40
50
100
18
10
ps
tH
Hold Time
EN = L to D
EN =H to D
100
50
50
15
100
50
40
20
100
50
5
20
ps
tSKEW
Duty Cycle Skew (Note 12)
5.0
20
5.0
20
5.0
20
ps
tJITTER
RMS Random Clock Jitter (Figure 2)
0.2
< 1
0.2
< 1
0.2
< 1
ps
VPP
Input Voltage Swing
HG
(Differential Configuration)
Q
25
150
800
800
1200
1200
25
150
800
800
1200
1200
25
150
800
800
1200
1200
mV
tr
tf
Output Rise/Fall Times
Q
(20% − 80%)
QHG, QHG
200
70
300
130
400
220
250
80
350
150
450
240
250
100
350
170
500
270
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V.
12.Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays
are measured from the cross point of the inputs to the cross point of the outputs.
0
100
200
300
400
500
600
700
800
900
0
500
1000
1500
2000
2500
3000
3500
4000
Figure 2. Fmax/Jitter for QHG, QHG Output
FREQUENCY (MHz)
1
2
3
4
5
6
7
8
9


Similar Part No. - MC100EP16VCD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16VCD ONSEMI-MC100EP16VCD Datasheet
72Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
September, 2003??Rev. 2
MC100EP16VCD ONSEMI-MC100EP16VCD Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EP16VCDG ONSEMI-MC100EP16VCDG Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VCDR2 ONSEMI-MC100EP16VCDR2 Datasheet
72Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
September, 2003??Rev. 2
MC100EP16VCDR2G ONSEMI-MC100EP16VCDR2G Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
More results

Similar Description - MC100EP16VCD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP16VC ONSEMI-MC100EP16VC Datasheet
72Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain and Enable Output
September, 2003??Rev. 2
MC10EP16VA ONSEMI-MC10EP16VA_06 Datasheet
167Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver with High Gain
December, 2006 ??Rev. 8
MC10EP16VA ONSEMI-MC10EP16VA Datasheet
77Kb / 8P
   3.3V / 5VECL Differential Receiver/Driver with High Gain
September, 2002 ??Rev. 4
MC100EP16VB ONSEMI-MC100EP16VB Datasheet
151Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain
December, 2006 ??Rev. 4
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC100EP16F ONSEMI-MC100EP16F Datasheet
150Kb / 10P
   3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing
December, 2006 ??Rev. 4
MC100EP16VS ONSEMI-MC100EP16VS Datasheet
167Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing
December, 2006 ??Rev. 5
NBLVEP16VR ONSEMI-NBLVEP16VR Datasheet
117Kb / 14P
   2.5V/3.3V/5V ECL Differential Receiver/Driver with Oscillator Gain Stage and Enabled High Gain Outputs
December, 2003 ??Rev. 2
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com